Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1817B Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # P1817B
Description  Low-Power Mobile VGA EMI Reduction IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1817B Datasheet(HTML) 5 Page - PulseCore Semiconductor

  P1817B Datasheet HTML 1Page - PulseCore Semiconductor P1817B Datasheet HTML 2Page - PulseCore Semiconductor P1817B Datasheet HTML 3Page - PulseCore Semiconductor P1817B Datasheet HTML 4Page - PulseCore Semiconductor P1817B Datasheet HTML 5Page - PulseCore Semiconductor P1817B Datasheet HTML 6Page - PulseCore Semiconductor P1817B Datasheet HTML 7Page - PulseCore Semiconductor P1817B Datasheet HTML 8Page - PulseCore Semiconductor P1817B Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
February 2007
P1817A/B
rev 1.1
Low-Power Mobile VGA EMI Reduction IC
5 of 10
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device
reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current (pull-up resistors on inputs SR0, SR1 and
SSON/SBM)
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT output low current @ 0.4V, VDD = 3.3V
-
3
-
mA
IXOH
XOUT output high current @ 2.5V, VDD = 3.3V
-
3
-
mA
VOL
Output low voltage VDD = 3.3V, IOL = 20mA
-
-
0.4
V
VOH
Output high voltage VDD = 3.3V, IOH = 20mA
2.5
-
-
V
ICC
Dynamic supply current normal mode
3.3V and 10pF loading
8.46
12
17.78
mA
IDD
Static supply current standby mode
-
0.6
-
mA
VDD
Operating voltage
2.7
3.3
3.7
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock output impedance
-
50
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com