Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2040B Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2040B
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040B Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2040B Datasheet HTML 1Page - PulseCore Semiconductor P2040B Datasheet HTML 2Page - PulseCore Semiconductor P2040B Datasheet HTML 3Page - PulseCore Semiconductor P2040B Datasheet HTML 4Page - PulseCore Semiconductor P2040B Datasheet HTML 5Page - PulseCore Semiconductor P2040B Datasheet HTML 6Page - PulseCore Semiconductor P2040B Datasheet HTML 7Page - PulseCore Semiconductor P2040B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
November 2006
P2040B
rev 0.2
LCD Panel EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Deviations and Modulation Rate Table
Spreading Range (+/- %)
CP0
CP1
SR0
32.5MHz
54MHz
65MHz
81MHz
Modulation Rate
0
0
0
0.56
1.05
1.00
0.98
(Fin/40) * 62.49KHz
0
0
1
1.94
1.68
1.56
1.48
(Fin/40) * 62.49KHz
0
1
0
1.36
1.05
1.00
0.92
(Fin/40) * 62.49KHz
0
1
1
1.92
1.68
1.56
1.48
(Fin/40) * 62.49KHz
1
0
0
1.24
0.81
0.66
0.40
(Fin/40) * 62.49KHz
1
0
1
1.91
1.29
1.02
0.74
(Fin/40) * 62.49KHz
1
1
0
0.91
0.45
0.34
0.05
(Fin/40) * 62.49KHz
1
1
1
1.47
0.71
0.54
0.36
(Fin/40) * 62.49KHz
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
External reference frequency input. Connect to externally generated
reference signal.
2
CP0
I
Digital logic input used to select charge pump current (see Table 1). This
pin has a 100K Ohm internal pull-up resistor.
3
CP1
I
Digital logic input used to select charge pump current (see Table 1). This
pin has a 100K Ohm internal pull-up resistor.
4
VSS
P
Ground Connection. Connect to system ground.
5
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW).
Spread Spectrum function enable when LOW. This pin has a 100K Ohm
internal pull-low resistor.
6
ModOUT
O
Spectrum Clock output
7
SR0
I
Digital logic input used to select Spreading Range (see Table 1) This pin
has a 100K Ohm internal pull-up resistor.
8
VDD
P
Connect to +3.3V
SR0
SSON#
1
2
3
4
5
6
7
8
P2040B
CLKIN
CP0
CP1
VSS
ModOUT
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com