Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2040B Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2040B
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040B Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2040B Datasheet HTML 1Page - PulseCore Semiconductor P2040B Datasheet HTML 2Page - PulseCore Semiconductor P2040B Datasheet HTML 3Page - PulseCore Semiconductor P2040B Datasheet HTML 4Page - PulseCore Semiconductor P2040B Datasheet HTML 5Page - PulseCore Semiconductor P2040B Datasheet HTML 6Page - PulseCore Semiconductor P2040B Datasheet HTML 7Page - PulseCore Semiconductor P2040B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2006
P2040B
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
LCD Panel EMI Reduction IC
Features
•
Provides up to 15dB of EMI suppression
•
FCC approved method of EMI attenuation
•
Generates a low EMI spread spectrum clock of the
input frequency
•
30MHz to 100MHz input frequency range
•
Optimized for 32.5MHz, 54MHz, 65MHz, 81MHz,
pixel clock frequencies
•
Internal loop filter minimizes external components
and board space
•
8 selectable spread ranges, up to +/- 2.0%
•
SSON# control pin for spread spectrum enable
and disable options
•
Low cycle-to-cycle jitter
•
3.3V operating voltage
•
Ultra low power CMOS design
•
Supports most mobile graphic accelerator and
LCD timing controller specifications
•
Available in 8 pin SOIC and TSSOP Packages.
Product Description
The P2040B is a selectable spread spectrum frequency
modulator designed specifically for digital flat panel
applications.
The
P2040B
reduces
electromagnetic
interference (EMI) at the clock source which provides
system wide reduction of EMI of all clock dependent
signals.
The P2040B allows significant system cost savings by
reducing the number of circuit board layers and shielding
that are traditionally required to pass EMI regulations.
The P2040B uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The P2040B modulates the output of a single PLL in order
to “spread” the bandwidth of a synthesized clock and, more
importantly, decreases the peak amplitudes of its
harmonics.
This results in significantly lower system EMI compared to
the typical narrow band signal produced by oscillators and
most frequency generators. Lowering EMI by increasing a
signal’s bandwidth is called “spread spectrum clock
generation”.
Applications
The P2040B is targeted towards digital flat panel
applications for Notebook PCs, Palm-size PCs, Office
Automation Equipments and LCD Monitors.
Block Diagram
Loop
Filter
Output
Divider
Modulation
VDD
SR0
VSS
ModOUT
CLKIN
Frequency
Divider
Feedback
Divider
Phase
Detector
VCO
PLL
CP1 CP0 SSON#


Similar Part No. - P2040B

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
P2040 KGS-P2040 Datasheet
318Kb / 1P
Snap-mount rivet series to fix 2 chassis plates together
logo
Alliance Semiconductor ...
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
P2040A-08-SR ALSC-P2040A-08-SR Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
P2040A-08-ST ALSC-P2040A-08-ST Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
More results

Similar Description - P2040B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A_1 Datasheet
349Kb / 9P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com