Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS1P2857B Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS1P2857B
Description  Multi-Output Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS1P2857B Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS1P2857B Datasheet HTML 1Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 2Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 3Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 4Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 5Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 6Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 7Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2006
PCS1P2857A/B
rev 0.1
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Multi-Output Clock Generator
Features
• Generates multiple clock outputs from an inexpensive
27MHz crystal .
• Frequency outputs: PCS1P2857A
•
CLK1 : 27 MHz
•
CLK2 : 24 MHz
•
CLK3 : 14.31818 MHz
•
CLK4 : 14.31818 MHz
• Frequency outputs: PCS1P2857B
•
CLK1 : 27 MHz
•
CLK2 : 24 MHz
•
CLK3 : 28.322 MHz
• Operates with a 3.3V ± 5%V Supply Voltage
• Available in 8 -pin SOIC and 8 -pin TSSOP.
Product Description
The PCS1P2857A/B is a versatile multi output clock
generator. The PCS1P2857A/B uses the latest PLL
technology. The four Clock outputs are generated using
an inexpensive 27MHz Crystal. The accuracy of the
27MHz Input Clock should be within ±50ppm. The
outputs consist of 24 MHz, 14.31818 MHz, and 28.322
MHz clocks together with a 27 MHz reference clock. The
device operates from a Supply Voltage of 3.3V±5%V.
The device is available in a 8 pin SOIC and 8 pin TSSOP
JEDEC package.
Application
PCS1P2854A/B is targeted for use in HDTV digital video.
Block Diagram
VDD
GND
CLK2
CLK3
CLK4
CLK1
Crystal
Oscillator
XIN
XOUT
PLL


Similar Part No. - PCS1P2857B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A Datasheet
367Kb / 7P
PCS1P2858A
PCS1P2858A PULSECORE-PCS1P2858A Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
Multi-Output Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS1P2858AG-16TR PULSECORE-PCS1P2858AG-16TR Datasheet
367Kb / 7P
PCS1P2858A
PCS1P2858AG-16TR PULSECORE-PCS1P2858AG-16TR Datasheet
347Kb / 7P
Multi-Output Clock Generator
More results

Similar Description - PCS1P2857B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
MULTI-CLOCK GENERATOR
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
3-PLL Multi-Output Clock Generator
logo
PulseCore Semiconductor
ASM3P4200A PULSECORE-ASM3P4200A Datasheet
368Kb / 7P
Multi-Output Custom Clock Generator
ASM3P4201A PULSECORE-ASM3P4201A Datasheet
327Kb / 7P
Multi-Output Custom Clock Generator
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
Asahi Kasei Microsystem...
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
Multi Clock Generator
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
Multi Clock Generator
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
Multi-Output Clock Generator
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com