Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS1P2857B Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS1P2857B
Description  Multi-Output Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS1P2857B Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS1P2857B Datasheet HTML 1Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 2Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 3Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 4Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 5Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 6Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 7Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
September 2006
PCS1P2857A/B
rev 0.1
Multi-Output Clock Generator
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Deseription
Pin Description
Pin #
Pin Name
Pin Type
Pin Description
1
XIN
Input
Crystal connection or external reference frequency input. It can be
connected to a 27MHz Fundamental mode crystal
2
XOUT
Output
Connection to crystal. If using an external reference clock, this pin must be
left unconnected.
3
VDD
Power
Connect to +3.3V.
4
GND
Power
Connect to ground.
CLK4
Output
14.31818MHz Clock output (PCS1P2857A)
5
NC
-
No connection (PCS1P2857B)
14.31818MHz Clock output (PCS1P2857A)
6
CLK3
Output
28.322MHz Clock output (PCS1P2857B)
7
CLK2
24MHz Clock output
8
CLK1
Output
27MHz Reference Clock output
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Power Supply Voltage relative to Ground
-0.5 to +4.6
VIN
Input Voltage relative to Ground (Input Pins)
-0.5 to VDD+0.5
V
TSTG
Storage temperature
-65 to +150
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
125
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
CLK3
CLK4
CLK1
GND
XIN
CLK2
XOUT
VDD
1
2
3
4
5
6
7
8
PCS1P2857A
CLK3
NC
CLK1
GND
XIN
CLK2
XOUT
VDD
1
2
3
4
5
6
7
8
PCS1P2857B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com