Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM162LCUSF/T Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM162LCUSF/T
Description  關P Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM162LCUSF/T Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM162LCUSF/T Datasheet HTML 1Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 2Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 3Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 4Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 5Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 6Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 7Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 8Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
April 2008
ASM161/ASM162
rev 1.5
µP Supervisory Circuit
5 of 9
Notice: The information in this document is subject to change without notice.
Electrical Characteristics
Unless otherwise noted, VCC is over the full range and TA = 0°c to 70°c for ASM161/162 X C and TA = -40°c to +85°c for ASM161/162 X E devices. Typical
values at TA = 25°c, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices
Parameter
Symbol
Conditions
Min
TYP
Max
Unit
Input Voltage (VCC)
Range
VCC
TA = 0°C to 70°C
1.1
5.5
V
VCC < 5.5V L/M/J
Supply Current
(Unloaded)
ICC
VCC < 3.6V R/S/T
6
4.5
15
10
µA
L Devices
TA = 25°C
Note 1
4.56
4.50
4.63
4.70
4.75
M devices
TA = 25°C
Note 1
4.31
4.25
4.38
4.45
4.50
J devices
TA = 25°C
Note 1
3.93
3.89
4.00
4.06
4.10
T devices
TA = 25°C
Note 1
3.04
3.00
3.08
3.11
3.15
S devices
TA = 25°C
Note 1
2.89
2.85
2.93
2.96
3.00
Reset Threshold
VTH
R devices
TA = 25°C
Note 1
2.59
2.55
2.63
2.66
2.70
V
Reset Threshold
Temp Coefficient
TCVTH
30
ppm/
°C
VCC to reset delay
VCC = VTH to (VTH -100mV)
20
µS
TA = 0°C to 70°C
Reset Pulse Width
tRPW
TA = -40°C to 85°C
800
600
1400
2000
2240
ms
MR Minimum Pulse
Width
tMR
10
µS
MR Glitch Immunity
100
ns
MR to RESET
Propagation Delay
0.5
µS
VIH
2.3
V
VIL
VCC > VTH(MAX), L/M/J devices
0.8
V
VIH
0.7VCC
V
MR Input Threshold
VIL
VCC > VTH(MAX), R/S/T devices
0.25VCC
V
TA = 0°C to 70°C
48
85
122
MR Delay to MR
Retrigger
tMRD
TA = -40°C to 85°C
85
µS
MR pull-up resistance
10
20
30
K
Ω
VCC=VTH min., ISINK=1.2mA,
ASM161 R/S/T
0.3
VCC=VTH min., ISINK=3.2mA,
ASM161L/M/J
0.4
Low RESET output
voltage (ASM161)
VOL
VCC > 1.1, ISINK = 50µA
0.3
V
VCC=VTH max., ISINK=1.2mA,
ASM162 R/S/T
0.3
RESET Output
Voltage (ASM162)
VOL
VCC=VTH max., ISINK=3.2mA,
ASM162 L/M/J
0.4
V
HIGH RESET Output
Voltage (ASM162)
VOH
1.8<VCC<VTHmin., ISOURCE = 150 µA
0.8VCC
V
RESET Output
Leakage Current
(ASM161)
ILKG
VDRAIN < 6.0V, 0°C < TA < 70°C
1
µA
Notes: 1. Over operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com