Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM162LCUSF/T Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM162LCUSF/T
Description  關P Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM162LCUSF/T Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM162LCUSF/T Datasheet HTML 1Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 2Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 3Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 4Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 5Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 6Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 7Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 8Page - PulseCore Semiconductor ASM162LCUSF/T Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2008
ASM161/ASM162
rev 1.5
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
µP Supervisory Circuit
General Description
The ASM161 and ASM162 are cost effective, low power
supervisory circuits that monitor power supplies in
microprocessor, microcontroller and digital systems. If the
power supply drops below the reset threshold level, a
reset is asserted and remains asserted for atleast 800ms
after VCC has risen above the reset threshold. An
improved manual reset architecture gives the system
designer additional flexibility.
The debounced manual reset input is negative edge
triggered. The reset pulse period generated by a MR
transition is a minimum of 800 ms and a maximum of
2 sec duration. In addition, The MR input signal is
blocked for an additional 49µS minimum after the reset
pulse
ends.
During
the
MR
disable
period,
the
microcontroller is guaranteed a time period free of
additional manual reset signals. During this period DRAM
contents can be refreshed or other critical system tasks
undertaken.
Low
power
consumption
makes
the
ASM161/162 ideal for use in portable and battery
operated
equipments.
With
3V
supplies
power
consumption is 8µW typically and 30µW maximum. The
ASM161 has an open-drain, active-LOW RESET output
and requires an external pull-up resistor. The ASM162
has an active HIGH RESET output.
The ASM161/162 are offered in compact 4-pin SOT-143
packages. No external components are required to trim
threshold voltage for monitoring different supply voltages.
With six different factory set, reset, threshold ranges from
2.63V to 4.63V, the ASM161/162 are suitable for
monitoring 5V, 3.6V and 3.0V supplies. The ASM161/162
are available in temperature ranges 0°c to 70°c and -40°c
to +85°c.
Reset Threshold
Part Suffix
Voltage (V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63
Key Features
• Edge triggered manual reset input
• single pulse output
• 49µS minimum MR disable period after reset
• CMOS/TTL logic or switch interface
• Debounced input
• Low supply current extends battery life
6µA / 15µA typ/max at 5.5V
4.5µA / 10µA typ/max at 3.6V
• Long reset period
• 0.8 sec minimum, 2 sec maximum
• Two reset polarity options
ASM161: Active LOW, open-drain
ASM162: Active HIGH
• Pinout matches the ASM811/812
• Small 4-Pin SOT-143 package
• Two temperature ranges: 0°c to 70°c and -40°c to +85°c
Applications
• PDAs
• Appliances
• Computers and embedded controllers
• Wireless communication systems
• Battery operated and intelligent instruments
• Automotive systems
• Safety systems


Similar Part No. - ASM162LCUSF/T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM162LCUSF ONSEMI-ASM162LCUSF Datasheet
140Kb / 7P
Supervisory Circuit
August, 2011 ??Rev. 3
More results

Similar Description - ASM162LCUSF/T

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
關P SUPERVISORY CIRCUIT
logo
Micrel Semiconductor
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
關P Supervisory Circuit
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com