Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I99448 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99448 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS2I99448 Datasheet HTML 1Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 2Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 3Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 4Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 5Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
September 2006
PCS2I99448
rev 0.4
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
2 of 15
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Diagram
Q3
VCC
Q2
GND
Q1
VCC
Q0
GND
GND
25
24
26
27
28
29
30
31
32
1
2
3
4
5678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Q8
VCC
Q9
GND
Q10
VCC
Q11
PCS2I99448
Q0
Q1
CLK
PCLK
Q3
Q4
Q5
STOP
0
1
VCC
CCLK
CLK_SEL
SYNC
VCC
VCC
CLK_STOP
Q6
Q7
Q8
Q9
OE
(All input resistors have a value of 25KΩ)
VCC
Q2
Q10
Q11
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com