Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I99448 Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99448 Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS2I99448 Datasheet HTML 1Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 2Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 3Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 4Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 5Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2006
PCS2I99448
rev 0.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
Features
•
12 LVCMOS compatible clock outputs
•
Selectable LVCMOS and differential LVPECL
compatible clock inputs
•
Maximum clock frequency of 350MHz
•
Maximum clock skew of 150pS
•
Synchronous output stop in logic low state
eliminates output runt pulses
•
High–impedance output control
•
3.3V or 2.5V power supply
•
Drives up to 24 series terminated clock lines
•
Ambient temperature range -40°C to +85°C
•
32–Lead LQFP & TQFP packaging
•
Supports
clock
distribution
in
networking,
telecommunication and computing applications
•
Pin and Function compatible to MPC9448 and
MPC948
Functional Description
The PCS2I99448 is a 3.3V or 2.5V compatible, 1:12 clock
fanout buffer targeted for high performance clock tree
applications. With output frequencies up to 350 MHz and
output skews less than 150 pS, the device meets the needs
of most demanding clock applications.
The PCS2I99448 is specifically designed to distribute
LVCMOS compatible clock signals up to a frequency of
350MHz. Each output provides a precise copy of the input
signal with a near zero skew. The outputs buffers support
driving of 50Ω terminated transmission lines on the incident
edge: each output is capable of driving either one parallel
terminated or two series terminated transmission lines.
Two selectable, independent clock inputs are available,
providing support of LVCMOS and differential LVPECL
clock distribution systems. The PCS2I99448 CLK_STOP
control is synchronous to the falling edge of the input clock.
It allows the start and stop of the output clock signal only in
a logic low state, thus eliminating potential output runt
pulses. Applying the OE control will force the outputs into
high–impedance mode.
All inputs have an internal pull–up or pull–down resistor
preventing unused and open inputs from floating. The
device supports a 2.5V or 3.3V power supply and an
ambient temperature range of –40°C to +85°C. The
PCS2I99448
is
pin
and
function
compatible
but
performance–enhanced to the MPC948.


Similar Part No. - PCS2I99448

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2I99446G-32-ER PULSECORE-PCS2I99446G-32-ER Datasheet
579Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2I99446G-32-ET PULSECORE-PCS2I99446G-32-ET Datasheet
579Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2I99446G-32-LR PULSECORE-PCS2I99446G-32-LR Datasheet
579Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2I99446G-32-LT PULSECORE-PCS2I99446G-32-LT Datasheet
579Kb / 14P
2.5V and 3.3V LVCMOS Clock Distribution Buffer
More results

Similar Description - PCS2I99448

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99448 ALSC-ASM2I99448 Datasheet
594Kb / 15P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180C AKM-AK8180C Datasheet
1,006Kb / 12P
2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com