Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-SR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-SR
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-SR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS3P73U00AG-08-SR Datasheet HTML 1Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
USB 2.0 Peak EMI reduction IC
General Features
•
1x Peak EMI Reduction IC
•
Input frequency:
10MHz - 60MHz @ 2.5V
10MHz - 70MHz @ 3.3V
•
Output frequency:
10MHz - 60MHz @ 2.5V
10MHz - 70MHz @ 3.3V
•
Supply Voltage: 2.5V±0.2V
•
3.3V ±0.3V
•
Analog Spread Selection up to ±0.5%
•
ModRate selection option
•
Commercial temperature range
•
8pin TSSOP, SOIC and TDFN(2X2) COL Package
•
Conforms to USB2.0 compliance standards
•
The First True Drop-in Solution
Product Description
PCS3P73U00A is a versatile, 3.3V / 2.5V Peak EMI
reduction IC. PCS3P73U00A accepts an input clock either
from a Crystal or from an external reference (AC or DC
coupled to XIN / CLKIN) and locks on to it delivering a 1x
modulated clock output. PCS3P73U00A has a Frequency
Selection (FS) control that facilitates selecting one of the
two frequency ranges within the operating frequency range.
Refer to the frequency Selection table for details.
PCS3P73U00A has an SSEXTR pin to select different
deviations depending upon the value of an external resistor
connected between SSEXTR and GND. Modulation Rate
(MR) control selects two different Modulation Rates.
PCS3P73U00A operates from a 3.3V / 2.5V supply and is
available in an 8 pin TSSOP, SOIC, and TDFN(2X2) COL
packages, over Commercial temperature range.
Applications
PCS3P73U00A is targeted for USB applications.
Refer to SSEXTR Resistance Table for USB2.0
compliance
for commonly used frequencies.
Block Diagram
VDD
GND
FS
ModOUT
SSEXTR
PLL
Crystal
Oscillator
XOUT
XIN / CLKIN
MR


Similar Part No. - PCS3P73U00AG-08-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P73U00AG-08-SR PULSECORE-PCS3P73U00AG-08-SR Datasheet
763Kb / 13P
USB 2.0 Peak EMI reduction IC
More results

Similar Description - PCS3P73U00AG-08-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P73U00A PULSECORE-PCS3P73U00A Datasheet
763Kb / 13P
USB 2.0 Peak EMI reduction IC
PCS3P73U00A PULSECORE-PCS3P73U00A_2 Datasheet
324Kb / 1P
Introducing USB 2.0 Peak EMI Reduction IC
logo
ON Semiconductor
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
Peak EMI Reduction IC
July 2010 ??Rev. 1
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com