Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-SR Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-SR
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-SR Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button PCS3P73U00AG-08-SR Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 9Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 10Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 11Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 12Page - PulseCore Semiconductor PCS3P73U00AG-08-SR Datasheet HTML 13Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
11 of 13
Notice: The information in this document is subject to change without notice.
TDFN COL 2x2 8L package Outline drawing
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.027
0.0315
0.70
0.80
A3
0.008 BSC
0.203 BSC
b
0.008
0.012
0.20
0.30
D
0.079 BSC
2.00 BSC
E
0.078 BSC
2.00 BSC
e
0.020 BSC
0.50 BSC
L
0.020
0.024
0.50
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com