Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-ST Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-ST
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-ST Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS3P73U00AG-08-ST Datasheet HTML 1Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
5 of 13
Notice: The information in this document is subject to change without notice.
Fig1:
Typical Crystal Interface Circuit
Note: For AC Coupled Interface refer to Application Brief:CT100801
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
48MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25
Ω
RCompliance
The value of the compliance resistor , RCompliance sets the
USB2.0 signaling rate (frequency) deviation to 1000ppm
peak-to-peak (+/-500ppm). It causes a -4dB peak power
EMI reduction at the 480MHz fundamental USB2.0
frequency. Higher harmonics are reduced more.
If the RCompliance is set to a lower value than its
compliance limit, it will set the USB2.0 signaling rate
(frequency) deviation to above 1000ppm peak-to-peak.
For settings above 1000ppm the USB2.0 compliance
pass/fail
becomes
gradually
intermittent.
USB2.0
functionality is maintained upto 3000ppm peak-to-peak
signaling rate (frequency) deviation. The EMI tradeoff in
the system is attenuation/compliance. While fully
functional (and compliant intermittent) the 2000ppm
frequency deviation can provide -7dB of EMI attenuation
at the 480MHz fundamental.
R1 = 510Ω
C1 = 27 pF
C2 = 27 pF
Crystal
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com