Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-ST Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-ST
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-ST Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS3P73U00AG-08-ST Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 9Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
6 of 13
Notice: The information in this document is subject to change without notice.
Deviation Vs Resistance (MR=0)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
0
5
10
15
20
25
30
35
40
Resistance (KOhms)
12MHz_FS=0
15MHz_FS=0
24MHz_FS=0
24MHz_FS=1
25MHz_FS=0
25MHz_FS=1
30MHz_FS=1
48MHz_FS=1
USB 2.0 Compliance
-4dB
-7dB
-2dB
Deviation Vs Resistance (MR=1)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
0
10
2030
40506070
8090
100
Resistance (KOhms)
12MHz_FS=0
15MHz_FS=0
24MHz_FS=0
24MHz_FS=1
25MHz_FS=0
25MHz_FS=1
30MHz_FS=1
48MHz_FS=1
USB Compliance
-4dB
-7dB
-2dB
SSEXTR Resistance Table for USB2.0 compliance (RCompliance)
VDD=3.3V; MR=0
Frequency
(MHz)
FS
(MHz)
SSEXTR*
Resistance (KΩ)
12
0
10
15
0
8.87
0
6.81
24
1
13.7
0
6.98
25
1
13.7
30
1
12.1
48
1
10
VDD=3.3V; MR=1
Frequency
(MHz)
FS
(MHz)
SSEXTR*
Resistance (KΩ)
12
0
17.8
15
0
13
0
6.49
24
1
39.2
0
6.49
25
1
35.7
30
1
29.4
48
1
19.1
VDD=2.5V; MR=0
Frequency
(MHz)
FS
(MHz)
SSEXTR*
Resistance (KΩ)
12
0
10
15
0
8.87
24
1
13.7
25
1
13.7
30
1
12.1
48
1
10
VDD=2.5V; MR=1
Frequency
(MHz)
FS
(MHz)
SSEXTR*
Resistance (KΩ)
12
0
17.8
15
0
13
24
1
39.2
25
1
35.7
30
1
29.4
48
1
19.1
Fig2: Deviation VsResistance
for USB 2.0 Compliance (MR=0)
Fig3: Deviation VsResistance
for USB 2.0 Compliance (MR=1)
Note:
* Standard 1% tolerance Resistors
Device to Device variation of Deviation is ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com