Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-TT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-TT
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-TT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS3P73U00AG-08-TT Datasheet HTML 1Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
3 of 13
Notice: The information in this document is subject to change without notice.
Absolute Maximum Rating
Symbol
Parameter
Rating
Unit
VDD
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD(3.3V)
Supply Voltage
3.0
3.6
V
VDD(2.5V)
Supply Voltage
2.3
2.7
V
TA
Operating Temperature (Ambient Temperature)
0
+70
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for 3.3V Supply voltage
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
-50
µA
IIH
Input HIGH Current
VIN = VDD
50
µA
VOL
Output LOW Voltage
IOL =8mA
0.4
V
VOH
Output HIGH Voltage
IOH = -8mA
2.4
V
ICC
Static Supply Current
XIN / CLKIN pulled to GND
750
µA
FS=0; @ 12MHz
8
IDD
Dynamic Supply Current
Unloaded outputs
FS=1; @ 48MHz
12
mA
Zo
Output Impedance
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com