Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-TT Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-TT
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-TT Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3P73U00AG-08-TT Datasheet HTML 1Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
4 of 13
Notice: The information in this document is subject to change without notice.
Switching Characteristics for 3.3 Supply Voltage
Parameter
Test Conditions
Min
Typ
Max
Unit
FS=0
10
12
27
Input Frequency
FS=1
20
48
70
FS=0
10
12
27
ModOUT
FS=1
20
48
70
MHz
Duty Cycle
1,2
Measured at VDD /2
45
50
55
%
Rise Time
1,2
Measured between 20% to 80%
1.1
nS
Fall Time
1,2
Measured between 80% to 20%
0.7
nS
Cycle-Cycle Jitter
1,2 Loaded outputs
±150
pS
PLL Lock Time
2
Stable power supply, valid clock presented on XIN / CLKIN pin
3
mS
Notes: 1. All parameters are specified with 10pF loaded outputs.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Electrical Characteristics for 2.5V Supply voltage
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
2.3
2.5
2.7
V
VIL
Input LOW Voltage
0.7
V
VIH
Input HIGH Voltage
1.7
V
IIL
Input LOW Current
VIN = 0V
-50
µA
IIH
Input HIGH Current
VIN = VDD
50
µA
VOL
Output LOW Voltage
IOL = 8mA
0.6
V
VOH
Output HIGH Voltage
IOH = -8mA
1.8
V
ICC
Static Supply Current
XIN / CLKIN pulled to GND
500
µA
FS=0; @ 12MHz
5
IDD
Dynamic Supply Current
Unloaded outputs
FS=1; @ 48MHz
8
mA
Zo
Output Impedance
40
Ω
Switching Characteristics for 2.5V Supply Voltage
Parameter
Test Conditions
Min
Typ
Max
Unit
FS=0
10
12
20
Input Frequency
FS=1
20
48
60
FS=0
10
12
20
ModOUT
FS=1
20
48
60
MHz
Duty Cycle
3,4
Measured at VDD /2
45
50
55
%
Rise Time
3,4
Measured between 20% to 80%
1.6
nS
Fall Time
3,4
Measured between 80% to 20%
0.8
nS
Cycle-Cycle Jitter
3,4 Loaded outputs
±200
pS
PLL Lock Time
2
Stable power supply, valid clock presented on XIN / CLKIN pin
3
mS
Notes: 3. All parameters are specified with 10pF loaded outputs.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com