Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P2191A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS3P2191A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2191A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS3P2191A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 7Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 2007
PCS3P2191A
rev 0.1
Spread Spectrum Clock Generator
3 of 8
Notice: The information in this document is subject to change without notice.
Spread Deviation Selection Table
S2
S1
S0
Deviation
0
0
0
OFF
0
0
1
± 0.5%
0
1
0
± 0.75%
0
1
1
± 1.0%
1
0
0
± 1.25%
1
0
1
± 1.5%
1
1
0
± 1.75%
1
1
1
± 2.0%
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
-0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
TSTG
Storage temperature
-55 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
3.0
3.3
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
+70
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com