Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P2191A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3P2191A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2191A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3P2191A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 7Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
January 2007
PCS3P2191A
rev 0.1
Spread Spectrum Clock Generator
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
VDD
power
Power Supply Voltage Pin. Connect to +3.3V.
2
GND
power
Ground Connection. Connect to system ground.
3
S2
Input
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
4
GND
power
Ground Connection. Connect to system ground.
5
CLK1
Output
Low EMI 4x clock output.
6
CLK2
Output
Low EMI 4x clock output.
7
GND
power
Ground Connection. Connect to system ground.
8
XIN/CLKIN
Input
Crystal connection or external reference frequency input. It can be connected to a
15MHz fundamental mode crystal.
9
XOUT
Output
Crystal connection. If using an external reference, this pin must be left
unconnected.
10
GND
power
Ground Connection. Connect to system ground.
11
CLK3
Output
Low EMI 4x clock output.
12
CLK4
Output
Low EMI 4x clock output.
13
GND
power
Ground Connection. Connect to system ground.
14
S1
Output
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
15
S0
Output
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
16
VDD
power
Power Supply Voltage Pin. Connect to +3.3V.
VDD
S0
CLK3
GND
GND
CLK4
XOUT
XIN/CLKIN
GND
CLK2
CLK1
GND
VDD
S1
GND
S2
PCS3P2191A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16Pin TSSOP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com