Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P7101A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS3P7101A
Description  Low Power Peak EMI Reducing clock synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P7101A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS3P7101A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
September 2006
PCS3P7101A
rev 0.1
Notice: The information in this document is subject to change without notice.
Low Power Peak EMI Reducing clock synthesizer
3 of 7
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.5
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
VOL
Output low voltage (VDD = 3.3 V, IOL = 12 mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 12 mA)
2.4
-
-
V
IDD
Static supply current*
-
50
_
uA
ICC
Dynamic supply current (3.3V, 25MHz and no load)
-
TBD
-
VDD
Operating voltage
3.15
3.3
3.45
V
ZOUT
Output impedance
-
20
-
Ω
CIN
Input Capacitance
-
4
-
pF
RPD
PD
-
250
-
KΩ
RPUP
Internal pull-up resistor
CLK output
-
525
-
kΩ
* XIN/CLKIN pin and PD pin are pulled low
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN/XIN
Input frequency
-
25
-
MHz
ModOUT
Output frequency
-
100
-
MHz
tLH*
Output rise time (measured from 0.8 to 2.0V)
-
1
-
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
-
1
-
nS
tPU
Power-up time( PLL lock time from power-up)
-
4
10
mS
tON
Power-up time (first locked cycle after power-up)**
-
4
7
mS
Synthesis Error(Output Frequency)
-
0
-
ppm
tJC
Jitter (cycle to cycle)
-
TBD
-
pS
tJP
Period Jitter
-
TBD
-
pS
tD
Output duty cycle
40
50
60
%
tja
Maximum Absolute Jitter
-
TBD
-
pS
*tLH and tHL are measured into a capacitive load of 15pF
** VDD and XIN/CLKIN input are stable, PD pin is made high from low.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com