Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P7101A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3P7101A
Description  Low Power Peak EMI Reducing clock synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P7101A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3P7101A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P7101A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
September 2006
PCS3P7101A
rev 0.1
Notice: The information in this document is subject to change without notice.
Low Power Peak EMI Reducing clock synthesizer
2 of 7
Pin Configuration
Pin Description
Pin #
Pin Name
Type
Description
1
CLKIN/XIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or to an external reference clock.
2
VDD
P
Power supply for the entire chip.
3
VSS
P
Ground connection
4
NC
-
No Connection
5
ModOUT
O
Spread spectrum low EMI 4x clock output.
6
NC
-
No Connection
7
I
Powers down entire chip. Tri-states CLK outputs when low. Has an Internal pull-up
resistor.
8
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
1
Parameter
Min
Typ
Max
Unit
Supply voltage, VDD
3.15
3.3
3.45
V
Low-level input voltage, VIL
VDD = 3.15V to3.45V
-
-
0.8
V
High-level input voltage, VIH
VDD = 3.15V to3.45V
2
-
-
V
High-level output current, IOH
VDD = 3.15V to3.45V
-
-
12
mA
Low-level output current, IOL
VDD = 3.15V to3.45V
-
-
12
mA
Operating free-air temperature, TA
0
-
70
°C
Note:1 Unused inputs must be held high or low to prevent them from floating.
1
2
3
4
5
6
7
8
NC
XOUT
ModOUT
CLKIN/XIN
VDD
VSS
NC
PCS3P7101A
PD
PD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com