Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS810 Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS810
Description  3-Pin 關P Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS810 Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS810 Datasheet HTML 1Page - PulseCore Semiconductor PCS810 Datasheet HTML 2Page - PulseCore Semiconductor PCS810 Datasheet HTML 3Page - PulseCore Semiconductor PCS810 Datasheet HTML 4Page - PulseCore Semiconductor PCS810 Datasheet HTML 5Page - PulseCore Semiconductor PCS810 Datasheet HTML 6Page - PulseCore Semiconductor PCS810 Datasheet HTML 7Page - PulseCore Semiconductor PCS810 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 2007
PCS809/PCS810
rev 0.2
3-Pin µP Voltage Supervisor
3 of 8
Notice: The information in this document is subject to change without notice.
Detailed Description
RESET OUTPUT
µP will be activated at a valid reset state. These µP
supervisory circuits assert reset to prevent code execution
errors during power-up, power-down, or brownout
conditions.
RESET
is
guaranteed
to
be
a
logic
low
for
V
TH>VCC>0.9V. Once VCC exceeds the reset threshold,
an internal timer keeps RESET low for the reset timeout
period; after this interval, RESET goes high.
If a brownout condition occurs (VCC drops below the reset
threshold), RESET goes low. Any time VCC goes below
the reset threshold, the internal timer resets to zero, and
RESET goes low. The internal timer is activated after VCC
returns above the reset threshold, and RESET remains
low for the reset timeout period.
BENEFITS
OF
HIGHLY
ACCURATE
RESET
THRESHOLD
PCS809/810 with specified voltage as 5V±10% or
3V±10% are ideal for systems using a 5V±5% or 3V±5%
power supply. The reset is guaranteed to assert after the
power supply falls out of regulation, but before power
drops below the minimum specified operating voltage
range of the system ICs. The pre-trimmed thresholds are
reducing the range over which an undesirable reset may
occur.
Application Information
NEGATIVE-GOING VCC TRANSIENTS
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, PCS809 series are
relatively resistant to short-duration negative-going VCC
transient.
ENSURING A VALID RESET OUTPUT DOWN TO
VCC=0
When VCC falls below 0.9V, PCS809 RESET output no
longer sinks current; it becomes an open circuit. In this
case, high-impedance CMOS logic inputs connecting to
RESET can drift to undetermined voltages. Therefore,
PCS809/810 with CMOS is perfect for most applications of
VCC below 0.9V. However in applications where RESET
must be valid down to 0V, adding a pull-down resistor to
RESET causes any leakage currents to flow to ground,
holding RESET low.
INTERFACING TO µP WITH BIDIRECTIONAL RESET
PINS
The RESET output on the PCS809 is open drain, this
device interfaces easily with µPs that have bidirectional
reset pins. Connecting the µP supervisor’s RESET output
directly to the microcontroller’s RESET pin with a single
pull-up resistor allows either device to assert reset.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com