Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS810 Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS810
Description  3-Pin 關P Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS810 Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS810 Datasheet HTML 1Page - PulseCore Semiconductor PCS810 Datasheet HTML 2Page - PulseCore Semiconductor PCS810 Datasheet HTML 3Page - PulseCore Semiconductor PCS810 Datasheet HTML 4Page - PulseCore Semiconductor PCS810 Datasheet HTML 5Page - PulseCore Semiconductor PCS810 Datasheet HTML 6Page - PulseCore Semiconductor PCS810 Datasheet HTML 7Page - PulseCore Semiconductor PCS810 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
January 2007
PCS809/PCS810
rev 0.2
3-Pin µP Voltage Supervisor
4 of 8
Notice: The information in this document is subject to change without notice.
Absolute Maximum Rating
Parameter
Min
Max
Unit
VCC
0.3
6.5
V
RESET,RESET
0.3
Vcc+0.3
V
Input Current (VCC)
20
mA
Output Current (RESET or RESET)
20
mA
Continuous Power Dissipation (TA=+70°C)
320
mW
Operating Junction Temperature Range
-40
+85
°C
Junction Temperature
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering) 10 sec
260
°C
Test Circuit
GND
TEST CIRCUIT
0.1uF
VCC
VCC
RESET
(RESET)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com