Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS811 Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS811
Description  5-Pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS811 Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS811 Datasheet HTML 1Page - PulseCore Semiconductor PCS811 Datasheet HTML 2Page - PulseCore Semiconductor PCS811 Datasheet HTML 3Page - PulseCore Semiconductor PCS811 Datasheet HTML 4Page - PulseCore Semiconductor PCS811 Datasheet HTML 5Page - PulseCore Semiconductor PCS811 Datasheet HTML 6Page - PulseCore Semiconductor PCS811 Datasheet HTML 7Page - PulseCore Semiconductor PCS811 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 2007
PCS811/PCS812
rev 0.1
5-Pin µP Voltage Supervisor with Manual Reset
5 of 8
Notice: The information in this document is subject to change without notice.
Electrical Characteristics:
(Typical valves are at TA=+25°C unless otherwise specified.) (Note1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Opreating Voltage
VCC
0.9
6
V
Supply Current
ICC
VCC= VTH +0.1V
1
3
μA
TA=+25°C
2.265
2.335
P device
TA-40°C to 85°C
2.254
2.3
2.346
TA=+25°C
2.561
2.639
R device
TA-40°C to 85°C
2.548
2.6
2.652
TA=+25°C
2.660
2.741
Q device
TA-40°C to 85°C
2.646
2.7
2.754
TA=+25°C
2.857
2.944
S device
TA-40°C to 85°C
2.842
2.9
2.958
TA=+25°C
3.054
3.147
T device
TA-40°C to 85°C
3.038
3.1
3.162
TA=+25°C
3.940
4.060
J device
TA-40°C to 85°C
3.920
4.0
4.080
TA=+25°C
4.334
4.466
M device
TA-40°C to 85°C
4.312
4.4
4.488
TA=+25°C
4.531
4.669
RESET threshold
VTH
L device
TA-40°C to 85°C
4.508
4.6
4.692
V
VCC to Reset Delay
TRD
VCC=VTH to (VTH-0.1V), VTH =3.1V
20
μS
TA=+25°C
140
230
560
Reset Active Timeout Period
TRP
VCC=VTH (MAX)
TA-40°C to 85°C
100
1030
mS
MR to Reset Progation delay
TMD
VCC=6V
0.5
μS
VIH
0.7VCC
MR Input Threshold
VIL
0.25VCC
V
MR Pull-up Resistance
10
20
30
k
Ω
VOH
VCC = VTH +0.1V, ISOURECE =1mA
0.8VCC
RESET output Voltage
VOL
VCC= VTH -0.1V, ISINK =1mA
0.2VCC
VOH
VCC = VTH +0.1V, ISOURECE =1mA
0.8VCC
RESET output Voltage
VOL
VCC= VTH -0.1V, ISINK =1mA
0.2VCC
V
Note1: Specifications are production tested at T
A
=25°C. Specifications over the -40°C to 85°C operating temperature range are assured
by design, characterization and correlation with Statistical Quality Controls (SQC).
Note 2: RESET output is for PCS811: RESET output for PCS812



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com