Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS811 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS811
Description  5-Pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS811 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS811 Datasheet HTML 1Page - PulseCore Semiconductor PCS811 Datasheet HTML 2Page - PulseCore Semiconductor PCS811 Datasheet HTML 3Page - PulseCore Semiconductor PCS811 Datasheet HTML 4Page - PulseCore Semiconductor PCS811 Datasheet HTML 5Page - PulseCore Semiconductor PCS811 Datasheet HTML 6Page - PulseCore Semiconductor PCS811 Datasheet HTML 7Page - PulseCore Semiconductor PCS811 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
January 2007
PCS811/PCS812
rev 0.1
5-Pin µP Voltage Supervisor with Manual Reset
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Diagram
Pin Description
Block Diagram
Pin#
PCS811
PCS812
Pin Name
Description
1
1
GND
Ground.
2
2
NC
No Connection
3
-
RESET
RESET is asserted LOW if VCC falls below VTH. RESET remains LOW for atleast
140ms (TRST) once VCC exceeds the Threshold. In addition, RESET is active LOW
as long as the manual reset (MR) is low.
-
3
RESET
RESET is asserted HIGH if VCC falls below VTH. RESET remains HIGH for atleast
140ms (TRST) once VCC exceeds the threshold. In addition, RESET is active HIGH
as long as the manual reset (MR) is low.
4
4
MR
Manual Reset Input. A logic LOW on MR asserts reset. Reset remains active as
long as MR is LOW and for at least 180ms (TMRST) once MR returns HIGH. The
active low input has an internal 20k
Ω pull-up resistor. The input should be left
open if not used. It can be driven by TTL or CMOS logic or shorted to ground by a
switch.
5
5
VCC
Power supply input voltage (3.0V, 3.3V, 5.0V)
1
2
3
5
4
GND
VCC
NC
RESET (RESET)
MR
PCS811
(PCS812)
RESET Generator
Bandgap
MR
RPULL_UP
20K
R1
R2
VCC
GND
RESET (RESET)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com