Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS812 Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS812
Description  5-Pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS812 Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS812 Datasheet HTML 1Page - PulseCore Semiconductor PCS812 Datasheet HTML 2Page - PulseCore Semiconductor PCS812 Datasheet HTML 3Page - PulseCore Semiconductor PCS812 Datasheet HTML 4Page - PulseCore Semiconductor PCS812 Datasheet HTML 5Page - PulseCore Semiconductor PCS812 Datasheet HTML 6Page - PulseCore Semiconductor PCS812 Datasheet HTML 7Page - PulseCore Semiconductor PCS812 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2007
PCS811/PCS812
rev 0.1
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
5-Pin µP Voltage Supervisor with Manual Reset
FEATURES
•
Ultra Low Supply Current 1µA(typ.)
•
Guaranteed Reset Valid to VCC=0.9V
•
Available in two Output Types: Push-Pull
Active Low (PCS811), Push-Pull Active High
(PCS812)
•
140ms Min. Power-On Reset Pulse Width
•
Internally Fixed Threshold 2.3V, 2.6V, 2.7V,
2.9V, 3.1V, 4.0V, 4.4V, and 4.6V
•
Tight Voltage Threshold Tolerance: 1.5%
•
Low profile Package: SOT-23-5
APPLICATIONS
•
Notebook Computers
•
Digital Still Cameras
•
PDAs
•
Critical Microprocessor Monitoring
RESET THRESHOLD
Suffix
Voltage(V)
L
4.6
M
4.4
J
4.0
T
3.1
S
2.9
Q
2.7
R
2.6
P
2.3
DESCRIPTION
PCS811/PCS812 are low-power microprocessor (µP)
supervisory circuits used to monitor power supplies in µP
and digital systems. They provide applications with
benefits of circuit reliability and low cost by eliminating
external components. PCS811/PCS812 also offer a
manual reset input.
These devices perform as valid singles in applications with
VCC ranging from 6.0V down to 0.9V. The reset signal
lasts for a minimum period of 140ms whenever VCC
supply voltage falls below preset threshold. Both PCS811
and PCS812 were designed with a reset comparator to
help identify invalid signals, which last less than 140ms.
The only difference between them is that they have an
active-low RESET output and active-high RESET output,
respectively.
Low supply current (1µA) makes PCS811/PCS812 ideal
for portable equipment. The devices are available in 5-
SOT-23 package
Typical Operating Circuit
VCC
GND
GND
VCC
VCC
RESET
(RESET)
RESET
INPUT
MR
PCS811
(PCS812)
Pushbutton
Switch
µP


Similar Part No. - PCS812

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS810 PULSECORE-PCS810 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
PCS810JIURF PULSECORE-PCS810JIURF Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
PCS810LIURF PULSECORE-PCS810LIURF Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
PCS810MIURF PULSECORE-PCS810MIURF Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
PCS810PIURF PULSECORE-PCS810PIURF Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
More results

Similar Description - PCS812

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
4-Pin 關P Voltage Monitors with Manual Reset Input
2018
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com