Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS809PIURF Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS809PIURF
Description  3-Pin 關P Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS809PIURF Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS809PIURF Datasheet HTML 1Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 2Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 3Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 4Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 5Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 6Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 7Page - PulseCore Semiconductor PCS809PIURF Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2007
PCS809/PCS810
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3-Pin µP Voltage Supervisor
FEATURES
•
Ultra Low Supply Current 1µA(typ.)
•
Guaranteed Reset Valid to VCC=0.9V
•
Available in three Output Types: Open Drain
Active Low (PCS809N), Push-Pull Active Low
(PCS809), Push-Pull Active High (PCS810)
•
140ms Min. Power-On Reset Pulse Width
•
Internally Fixed Threshold 2.3V, 2.6V, 2.9V,
3.1V, 4.0V, 4.4V, and 4.6V
•
Tight Voltage Threshold Tolerance: 1.5%
•
Low profile Package: SOT-23-3
APPLICATIONS
•
Notebook Computers
•
Digital Still Cameras
•
PDAs
•
Critical Microprocessor Monitoring
RESET THRESHOLD
Suffix
Voltage(V)
L
4.6
M
4.4
J
4.0
T
3.1
S
2.9
R
2.6
P
2.3
DESCRIPTION
PCS809/PCS810 are low-power microprocessor (µP)
supervisory circuits used to monitor power supplies in µP
and digital systems. They provide applications with
benefits of circuit reliability and low cost by eliminating
external components.
These devices perform as valid singles in applications with
VCC ranging from 6.0V down to 0.9V. The reset signal
lasts for a minimum period of 140ms whenever VCC
supply voltage falls below preset threshold. Both PCS809
and PCS810 were designed with a reset comparator to
help identify invalid signals, which last less than 140ms.
The only difference between them is that they have an
active-low RESET output and active-high RESET output,
respectively.
Low supply current (1µA) makes PCS809/PCS810 ideal
for portable equipment. The devices are available in 3-
SOT-23 package
Typical Operating Circuit
VCC
GND
GND
VCC
VCC
RESET
(RESET)
RESET
INPUT
PCS809
(PCS810)
µP
Push-Pull Output


Similar Part No. - PCS809PIURF

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
PCS811JIUKF PULSECORE-PCS811JIUKF Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
PCS811LIUKF PULSECORE-PCS811LIUKF Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
PCS811MIUKF PULSECORE-PCS811MIUKF Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
PCS811PIUKF PULSECORE-PCS811PIUKF Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
More results

Similar Description - PCS809PIURF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
3-Pin 關C Supervisor Device
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
3-Pin 關C Supervisor Circuits
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
4-pin 關P Voltage Supervisor with Manual Reset
logo
Impala Linear Corporati...
ILC803 IMPALA-ILC803 Datasheet
80Kb / 5P
3-PIN 關P VOLTAGE MONITOR
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com