Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1101
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1101 Datasheet(HTML) 1 Page - Texas Instruments

  TPS1101 Datasheet HTML 1Page - Texas Instruments TPS1101 Datasheet HTML 2Page - Texas Instruments TPS1101 Datasheet HTML 3Page - Texas Instruments TPS1101 Datasheet HTML 4Page - Texas Instruments TPS1101 Datasheet HTML 5Page - Texas Instruments TPS1101 Datasheet HTML 6Page - Texas Instruments TPS1101 Datasheet HTML 7Page - Texas Instruments TPS1101 Datasheet HTML 8Page - Texas Instruments TPS1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low rDS(on) . . . 0.09 Ω Typ at VGS = –10 V
D 3 V Compatible
D Requires No External VCC
D TTL and CMOS Compatible Inputs
D VGS(th) = –1.5 V Max
D Available in Ultrathin TSSOP Package (PW)
D ESD Protection Up to 2 kV per
MIL-STD-883C, Method 3015
description
The TPS1101 is a single, low-rDS(on), P-channel,
enhancement-mode MOSFET. The device has
been optimized for 3-V or 5-V power distribution
in battery-powered systems by means of the
Texas Instruments LinBiCMOS
™ process. With a
maximum VGS(th) of –1.5 V and an IDSS of only
0.5
µA, the TPS1101 is the ideal high-side switch
for low-voltage, portable battery-management
systems where maximizing battery life is a primary
concern. The low rDS(on) and excellent ac
characteristics (rise time 5.5 ns typical) of the
TPS1101
make
it
the
logical
choice
for
low-voltage switching applications such as power
switches
for
pulse-width-modulated
(PWM)
controllers or motor/bridge drivers.
The ultrathin thin shrink small-outline package or
TSSOP (PW) version fits in height-restricted
places where other P-channel MOSFETs cannot.
The size advantage is especially important where
board height restrictions do not allow for an
small-outline integrated circuit (SOIC) package.
Such applications include notebook computers,
personal
digital
assistants
(PDAs),
cellular
telephones, and PCMCIA cards. For existing designs, the D-packaged version has a pinout common with other
P-channel MOSFETs in SOIC packages.
AVAILABLE OPTIONS
PACKAGED DEVICES†
CHIP FORM
TJ
SMALL OUTLINE
(D)
TSSOP
(PW)
CHIP FORM
(Y)
–40
°C to 150°C
TPS1101D
TPS1101PWLE
TPS1101Y
† The D package is available taped and reeled. Add an R suffix to device type (e.g.,
TPS1101DR). The PW package is only available left-end taped and reeled (indicated by
the LE suffix on the device type; e.g., TPS1101PWLE). The chip form is tested at 25
°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
8
7
6
5
SOURCE
SOURCE
SOURCE
GATE
DRAIN
DRAIN
DRAIN
DRAIN
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
SOURCE
SOURCE
SOURCE
SOURCE
SOURCE
GATE
NC
NC
DRAIN
DRAIN
DRAIN
DRAIN
DRAIN
DRAIN
NC
PW PACKAGE
(TOP VIEW)
NC – No internal connection
D PACKAGE
PW PACKAGE


Similar Part No. - TPS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101 TI1-TPS1101 Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI2-TPS1101 Datasheet
279Kb / 15P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
logo
TECH PUBLIC Electronics...
TPS1101-D32 TECHPUBLIC-TPS1101-D32 Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
logo
Texas Instruments
TPS1101D TI1-TPS1101D Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101D TI2-TPS1101D Datasheet
279Kb / 15P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
More results

Similar Description - TPS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com