Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2201DF Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2201DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201DF Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2201DF Datasheet HTML 7Page - Texas Instruments TPS2201DF Datasheet HTML 8Page - Texas Instruments TPS2201DF Datasheet HTML 9Page - Texas Instruments TPS2201DF Datasheet HTML 10Page - Texas Instruments TPS2201DF Datasheet HTML 11Page - Texas Instruments TPS2201DF Datasheet HTML 12Page - Texas Instruments TPS2201DF Datasheet HTML 13Page - Texas Instruments TPS2201DF Datasheet HTML 14Page - Texas Instruments TPS2201DF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
6–11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Table of Graphs
FIGURE
IDD
Supply current
vs Junction temperature
14
rDS(on)
Static drain-source on-state resistance, 3-V switch
vs Junction temperature
15
rDS(on)
Static drain-source on-state resistance, 5-V switch
vs Junction temperature
16
rDS(on)
Static drain-source on-state resistance, 12-V switch
vs Junction temperature
17
VO(xVCC)
Output voltage, 5-V switch
vs Output current
18
VO(xVCC)
Output voltage, 3-V switch
vs Output current
19
xVpp
Output voltage, Vpp switch
vs Output current
20
ISC(xVCC)
Short-circuit current, 5-V switch
vs Junction temperature
21
ISC(xVPP)
Short-circuit current, 12-V switch
vs Junction temperature
22
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
90
85
80
75
100
0
150
95
VO(AVCC) = VO(BVCC) = 5 V
VO(AVPP) = VO(BVPP) = 12 V
No load
–50
100
50
Figure 14
† t = pulse tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com