Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2201DF Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS2201DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201DF Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2201DF Datasheet HTML 15Page - Texas Instruments TPS2201DF Datasheet HTML 16Page - Texas Instruments TPS2201DF Datasheet HTML 17Page - Texas Instruments TPS2201DF Datasheet HTML 18Page - Texas Instruments TPS2201DF Datasheet HTML 19Page - Texas Instruments TPS2201DF Datasheet HTML 20Page - Texas Instruments TPS2201DF Datasheet HTML 21Page - Texas Instruments TPS2201DF Datasheet HTML 22Page - Texas Instruments TPS2201DF Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
6–20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
logic input and outputs (continued)
A_Vpp _PGM
A_Vpp_VCC
A_VCC_3
A_VCC_5
B_Vpp _PGM
B_Vpp_VCC
B_VCC_3
B_VCC_5
Cirrus Logic
CL-PD6720
To CPU
GND
A_VPP_PGM
A_VPP_VCC
A_VCC3
A_VCC5
B_VPP_PGM
B_VPP_VCC
B_VCC3
B_VCC5
APWR_GOOD
TPS2201
Vpp _Valid
OC
BPWR_GOOD
Figure 24. Logic Connections to CL-PD6720
Intel’s 82365SLDF controller uses active-high control logic for VCC selection, which requires connecting the
82365SLDF’s 3-V control outputs (A_VCC_EN0, B_VCCEN0) to the TPS2201’s 5-V control inputs (A_VCC5,
B_VCC5) and the 5-V control outputs (AVCC_EN1, B_VCC_EN1) to the 3-V control inputs (A_VCC3, B_VCC3),
as illustrated in Figure 25. Examination of the control logic tables on page 16 will confirm that these connections
will in fact select the correct output voltage. An alternative approach would be to invert the Intel VCC control logic
signals before routing them to the TPS2201.
The separate Vpp power-good indicators of the TPS2201 can be connected directly to the Intel controller as
shown in Figure 25.
Cirrus Logic defines a (1, 1) on the VCC select lines to be the PC Card no connect state; Intel chose (0, 0) to
select this state. As the tables show, either combination switches the VCC outputs to 0 V. The decision to provide
0 V versus a high impedance for the no connect state eliminates potential charging at the switch-to-card
interface. Feedback from the PC Card design community favors this approach.
Vpp logic allows for 0-V or high-impedance output for no connect (0, 0) or reserved (1, 1) logic inputs, respectively
(refer to AVPP and BVPP control-logic tables on page 16). Both the Cirrus Logic and Intel controllers interface
directly with the Vpp control inputs of the TPS2201.
The shutdown input of the TPS2201, SHDN, when held at a logic low places all VCC and Vpp outputs in a
high-impedance state and reduces chip quiescent current to 1
µA to conserve battery power.
An overcurrent output (OC) is provided to indicate an overcurrent condition in any of the VCC or Vpp supplies
(see discussion above).
ESD protection
All TPS2201 inputs and outputs incorporate ESD-protection circuitry designed to withstand a 2-kV
human-body-model discharge as defined in MIL-STD-883C. The VCC and Vpp outputs can be exposed to
potentially higher discharges from the external environment through the PC card connector. Bypassing the
outputs with 0.1-
µF capacitors protects the devices from discharges up to 10 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com