Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2212 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2212
Description  SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2212 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2212 Datasheet HTML 1Page - Texas Instruments TPS2212 Datasheet HTML 2Page - Texas Instruments TPS2212 Datasheet HTML 3Page - Texas Instruments TPS2212 Datasheet HTML 4Page - Texas Instruments TPS2212 Datasheet HTML 5Page - Texas Instruments TPS2212 Datasheet HTML 6Page - Texas Instruments TPS2212 Datasheet HTML 7Page - Texas Instruments TPS2212 Datasheet HTML 8Page - Texas Instruments TPS2212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS2212
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
FOR LOW POWER PC CARD SLOTS
SLVS193 – APRIL 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Integrated VCC and Vpp Switching for
Low Power Single-Slot PC Card
™ Interface
D Low rDS(on) (160-mΩ VCC Switches)
D Low Current Limit, 450 mA (VCC) Typ
D 3.3-V Low-Voltage Mode
D 12-V Supply Can Be Disabled Except
During 12-V Flash Programming
D Short-Circuit and Thermal Protection
D Space-Saving 16-Pin SSOP (DB)
D Compatible With 3.3-V, 5-V, and 12-V PC
Cards
D Break-Before-Make Switching
D Typical Applications Include: PCMCIA PC
Card Sockets in PDAs, PBXs, Bar Code
Scanners, Compact Flash and Smart Cards
description
The TPS2212 PC Card power-interface switch provides an integrated power-management solution for a single
low power PC Card. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection
for PC Card control are combined on a single integrated circuit, using the Texas Instruments LinBiCMOS
™
process. The circuit allows the distribution of 3.3-V, 5-V, and/or 12-V card power, and is compatible with many
PCMCIA controllers. The current-limiting feature eliminates the need for fuses, which reduces component count
and improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card.
The TPS2212 features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5 V. Bias
power can be derived from either the 3.3-V or 5-V inputs. This facilitates low-power system designs such as
sleep mode and pager mode, where only 3.3 V is available.
End equipment for the TPS2212 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, and bar-code scanners. This device is well suited for those applications which need to
limit the power provided to the PC card due to power supply constraints. In many applications, such as palm
computers, the system cannot allocate more than 200 mA of current to a PC card slot. For these lower power
applications, the TPS2212 provides the same advanced level of protection as the TPS2211 provides for higher
power applications.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
SMALL OUTLINE
(DB)
–40
°C to 85°C
TPS2212IDBLE
The DB package is only available left-end taped
and reeled (indicated by the LE suffix on the
device type, e.g. TPS2212IDBLE).
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCD0
VCCD1
3.3V
3.3V
5V
5V
GND
OC
SHDN
VPPD0
VPPD1
VCC
VCC
VCC
VPP
VPPI
DB PACKAGE
(TOP VIEW)


Similar Part No. - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212 TI-TPS2212 Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2212 TI2-TPS2212 Datasheet
398Kb / 22P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
REVISED JANUARY 2001
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
More results

Similar Description - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDBR TI1-TPS2212IDBR Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDBR TI-TPS2212IDBR Datasheet
484Kb / 23P
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com