Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MB Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM8S207MB
Description  STM8S performance line revision X device limitations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MB Datasheet(HTML) 4 Page - STMicroelectronics

  STM8S207MB Datasheet HTML 1Page - STMicroelectronics STM8S207MB Datasheet HTML 2Page - STMicroelectronics STM8S207MB Datasheet HTML 3Page - STMicroelectronics STM8S207MB Datasheet HTML 4Page - STMicroelectronics STM8S207MB Datasheet HTML 5Page - STMicroelectronics STM8S207MB Datasheet HTML 6Page - STMicroelectronics STM8S207MB Datasheet HTML 7Page - STMicroelectronics STM8S207MB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicon limitations
Errata sheet
4/8
2
Silicon limitations
2.1
HSI RC oscillator cannot be switched off in RUN mode
Description
The HSI RC oscillator cannot be switched off in Run mode. This causes negligible extra
power consumption compared to the total consumption of the MCU in Run mode.
Workaround
No workaround available.
2.2
LSI oscillator remains ON during Active Halt mode (MVR ON)
when AWU uses HSE/Div as input clock
Description
The LSI RC oscillator is not switched off in Active Halt mode with main voltage regulator
(MVR) on, when the AWU uses high speed external clock divided by prescaler (HSE/Div)
(clock source option enabled by CKAWUSEL option bit). This causes negligible extra power
consumption compared to the total consumption of the MCU in Active Halt mode with main
voltage regulator (MVR) on.
Workaround
No workaround available.
2.3
TIM1_CH4 mapped on PC4 and PD7 ports by AFR4 option
Description
Timer 1 channel 4 (TIM1_CH4) is available both on pin PC4 and PD7 when the alternate
function remapping AFR4 option bit is set.
Workaround
No workaround available. It is recommended to only use the AFR4 Alternate function
remapping option for the 44-pin package where PC4 is not present.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com