Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MB Datasheet (PDF) - STMicroelectronics

STM8S207MB Datasheet PDF - STMicroelectronics
Part # STM8S207MB
Download  STM8S207MB Download
File Size   84.09 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM8S performance line revision X device limitations

STM8S207MB Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8S207MB Datasheet PDF - STMicroelectronics

Part # STM8S207MB
Download  STM8S207MB Click to download

File Size   84.09 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM8S performance line revision X device limitations

STM8S207MB Datasheet (HTML) - STMicroelectronics


STM8S207MB Product details

Description
The STM8S20xxx performance line 8-bit microcontrollers offer from 32 to 128 Kbytes Flash program memory. They are referred to as high-density devices in the STM8S microcontroller family reference manual.

Features
■ Core
   – Max fCPU: up to 24 MHz, 0 wait states @
      fCPU ≤ 16 MHz
   – Advanced STM8 core with Harvard
      architecture and 3-stage pipeline
   – Extended instruction set
   – Max 20 MIPS @ 24 MHz
■ Memories
   – Program: up to 128 Kbytes Flash; data
      retention 20 years at 55 °C after 10 kcycles
   – Data: up to 2 Kbytes true data EEPROM;
      endurance 300 kcycles
   – RAM: up to 6 Kbytes
■ Clock, reset and supply management
   – 2.95 to 5.5 V operating voltage
   – Low power crystal resonator oscillator
   – External clock input
   – Internal, user-trimmable 16 MHz RC
   – Internal low power 128 kHz RC
   – Clock security system with clock monitor
   – Wait, active-halt, & halt low power modes
   – Peripheral clocks switched off individually
   – Permanently active, low consumption
      power-on and power-down reset
■ Interrupt management
   – Nested interrupt controller with 32
      interrupts
   – Up to 37 external interrupts on 6 vectors
■ Timers
   – 2x 16-bit general purpose timers, with 2+3
      CAPCOM channels (IC, OC or PWM)
   – Advanced control timer: 16-bit, 4 CAPCOM
      channels, 3 complementary outputs, dead
      time insertion and flexible synchronization
   – 8-bit basic timer with 8-bit prescaler
   – Auto wakeup timer
   – Window watchdog, independent watchdog
■ Communications interfaces
   – High speed 1 Mbit/s active beCAN 2.0B
   – UART with clock output for synchronous
      operation - LIN master mode
   – UART with LIN 2.1 compliant, master/slave
      modes and automatic resynchronization
   – SPI interface up to 10 Mbit/s
   – I2C interface up to 400 Kbit/s
■ 10-bit ADC with up to 16 channels
■ I/Os
   – Up to 68 I/Os on an 80-pin package
      including 18 high sink outputs
   – Highly robust I/O design, immune against
      current injection
   – Development support
   – Single wire interface module (SWIM) and
      debug module (DM)
■ 96-bit unique ID key for each device




Similar Part No. - STM8S207MB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
13-Apr-2010
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
10-Feb-2012
STM8S207MBT3 STMICROELECTRONICS-STM8S207MBT3 Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
13-Apr-2010
STM8S207MBT3 STMICROELECTRONICS-STM8S207MBT3 Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
10-Feb-2012
STM8S207MBT3B STMICROELECTRONICS-STM8S207MBT3B Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
13-Apr-2010
More results


Similar Description - STM8S207MB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
STMicroelectronics
STM8S207XX STMICROELECTRONICS-STM8S207XX Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
10-Feb-2012
STM8S003K3 STMICROELECTRONICS-STM8S003K3 Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
12-Jun-2012
STM32F103VET6 STMICROELECTRONICS-STM32F103VET6 Datasheet
1Mb / 130P
High-density performance line
19-Apr-2011
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
STM8S Value line Discovery
07-Nov-2011
AN3298 STMICROELECTRONICS-AN3298 Datasheet
397Kb / 27P
STM8S DALI slave library
18-Mar-2011
STM8AL3XXX STMICROELECTRONICS-STM8AL3XXX Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
Respects source limitations
27-Aug-2008
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
STM8S access Discovery
05-Nov-2010
logo
List of Unclassifed Man...
SX-DS-4000U2 ETC1-SX-DS-4000U2 Datasheet
591Kb / 2P
High-Performance USB Device Server
11.2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com