Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5100
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5100 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5100 Datasheet HTML 1Page - Texas Instruments TPS5100 Datasheet HTML 2Page - Texas Instruments TPS5100 Datasheet HTML 3Page - Texas Instruments TPS5100 Datasheet HTML 4Page - Texas Instruments TPS5100 Datasheet HTML 5Page - Texas Instruments TPS5100 Datasheet HTML 6Page - Texas Instruments TPS5100 Datasheet HTML 7Page - Texas Instruments TPS5100 Datasheet HTML 8Page - Texas Instruments TPS5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Voltage Operation . . . 2.5 V to 7 V
D Low Power . . . 3. 5 mA
(f = 500 kHz, Duty = 50%)
D Internal Undervoltage Lockout Protection
D Internal Short Circuit Protection
D Wide Operating Frequency . . . 50 kHz to
1 MHz
D Internal Precision Reference . . . 1.25 V ±1%
(25
°C)
D On/Off Switch for CH1/3 Pair and Ch2 (see
Function Table)
D 0 to 100% Dead Time Control
D Totem Pole Output Stage
D Smal l Package . . . 16 Pin TSSOP
description
The TPS5100 is a triple PWM control circuit, primarily designed to compose the power supply for LCD display.
Each PWM channel has own error amplifier, PWM comparator, dead-time control and output driver. The
trimmed voltage reference, oscillator, undervoltage lockout and short circuit protection are common for all
channels.
This device includes two boost exclusive circuits (ch1,3) and a buck-boost exclusive circuit (ch2). The operating
frequency is set with external resister and capacitor, and dead time is continuously adjustable form 0% to 100%
duty cycle with resistive divider network. Soft start function can be implemented by adding a capacitor to dead
time divider network. Two dead time control inputs are assigned for ch1,3 pair and ch2 individually and each
dead time control input can be used to control on/off operation. TPS5100 can operate from 2.5 V supply voltage
and ch1,3 pair and ch2 operate with reverse phase switching each other to achieve efficient operation in low
power and battery powered system.
The TPS5100 is characterized for operation from –20
°C to 85°C.
FUNCTION TABLE
CONDITION
OUTPUT
CONDITION
CH-1
CH-2
CH-3
DTC1/3 >. 0.3 V, DTC2 > 0.3 V
ON H
ON L
ON H
DTC1/3 > 0.3 V, DTC2 <. 0.2 V
ON H
OFF H
ON H
DTC1/3 < 0.2 V, DTC2 > 0.3 V
OFF L
ON L
OFF L
DTC1/3 < 0.2 V, DTC2 < 0.2 V
OFF L
OFF H
OFF L
AVAILABLE OPTIONS
PACKAGE
TA
TSSOP
(PW)
–20
°C to 85°C
TPS5100PW
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN-2
E/O2
VCC
OUT2
OUT3
OUT1
GND
SCP
E/O3
IN-3
IN-1
E/O1
CT/RT
DTC2
DTC1/3
VREF
PW PACKAGE
(TOP VIEW)


Similar Part No. - TPS5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100 TI2-TPS5100 Datasheet
377Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
JANUARY 2000
TPS5100IPW TI1-TPS5100IPW Datasheet
780Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
TPS5100IPW TI2-TPS5100IPW Datasheet
377Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
JANUARY 2000
TPS5100IPW.A TI2-TPS5100IPW.A Datasheet
377Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
JANUARY 2000
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
More results

Similar Description - TPS5100

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
TRIPLE-CHANNEL PWM CONTROLLER
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Texas Instruments
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Shenzhen Huazhimei Semi...
HM3136 HMSEMI-HM3136 Datasheet
820Kb / 7P
PWM CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com