Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD165 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BD165
Description  Plastic Medium Power Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD165 Datasheet(HTML) 1 Page - Motorola, Inc

  BD165 Datasheet HTML 1Page - Motorola, Inc BD165 Datasheet HTML 2Page - Motorola, Inc BD165 Datasheet HTML 3Page - Motorola, Inc BD165 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium Power Silicon
NPN Transistor
. . . designed for use as audio amplifiers and drivers utilizing complementary or quasi
complementary circuits.
• DC Current Gain — hFE = 40 (Min) @ IC = 0.15 Adc
• BD 165, 169 are complementary with BD 166, 168, 170
MAXIMUM RATINGS
Rating
Symbol
Type
Value
Unit
Collector–Emitter Voltage
VCEO
BD 165
BD 169
45
80
Collector–Base Voltage
VCBO
BD 165
BD 169
45
80
Vdc
Emitter–Base Voltage
VEBO
5
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.25
8
Watts
mW/
_C
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
20
160
Watt
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
6.25
_C/W
Thermal Resistance, Junction to Ambient
θJA
100
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Type
Min
Max
Unit
Collector–Emitter Sustaining Voltage*
(IC = 0.1 Adc, IB = 0)
BVCEO
BD 165
BD 169
45
80
—
—
Vdc
Collector Cutoff Current
(VCB = 45 Vdc, IE = 0)
(VCB = 80 Vdc, IE = 0)
ICBO
BD 165
BD 169
—
—
0.1
0.1
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
1.0
mAdc
DC current Gain
(IC = 0.15 A, VCE = 2 V)
(IC = 0.5 A, VCE = 2 V)
hFE*
40
15
—
—
Collector–Emitter Saturation Voltage*
(IC = 0.5 Adc, IB = 0.05 Adc)
VCE(sat)*
—
0.5
Vdc
Base–Emitter On Voltage*
(IC = 0.5 Adc, VCE = 2.0 Vdc)
VBE(on)*
—
0.95
Vdc
Current Gain–Bandwidth Product
(IC = 500 mAdc, VCE = 2 Vdc,
f = 1.0 MHz)
fT
6.0
—
MHz
* Pulse Test: Pulse Width
x 300 µs, Duty Cycle x 2.0%.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BD165/D
© Motorola, Inc. 1995
BD165
BD169
1.5 AMPERE
POWER TRANSISTORS
NPN SILICON
45, 60, 80 VOLTS
20 WATTS
CASE 77–08
TO–225AA TYPE
REV 7


Similar Part No. - BD165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD165 ETC1-BD165 Datasheet
149Kb / 4P
SILIZIUM-NPN-EPITAXIAL-PLANAR-LEISTUNGSTRANSISTOREN SILICON NPN EPITAXIAL PLANAR POWRE TRANSISTORS
logo
Continental Device Indi...
BD165 CDIL-BD165 Datasheet
82Kb / 3P
PLASTIC POWER TRANSISTORS
More results

Similar Description - BD165

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
Plastic Medium Power Silicon NPN Transistor
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
Plastic Medium Power NPN Silicon Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
BD179G ONSEMI-BD179G Datasheet
101Kb / 4P
Plastic Medium-Power Silicon NPN Transistor
Noember, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com