Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD165 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD165
Description  Plastic Medium Power Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD165 Datasheet(HTML) 2 Page - Motorola, Inc

  BD165 Datasheet HTML 1Page - Motorola, Inc BD165 Datasheet HTML 2Page - Motorola, Inc BD165 Datasheet HTML 3Page - Motorola, Inc BD165 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD165 BD169
2
Motorola Bipolar Power Transistor Device Data
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
Figure 1. PD – TC Derating Curve
TC, CASE TEMPERATURE (°C)
10
Figure 2. Safe Operating Area (see Note 1)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
3.0
2.0
1.0
0.5
0.1
5.0
7.0
10
20
30
100
50
0.3
0.2
PULSE CURVES APPLY BELOW
RATED VCEO
TJ = 150°C
dc
5.0 ms
1.0 ms
100
µs
70
BD165
BD169
SECOND BREAKDOWN
LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
1.2
0
1
1
0.8
0.6
0.4
0.2
5
10
50
100
500
1000
IC = 0.1 A
0.25 A
1 A
0.5 A
10
0.01
Figure 4. Current Gain
IC, COLLECTOR CURRENT (A)
0.1
0.05
0.1
0.5
1
1
TJ = + 150°C
+ 25
°C
– 25
°C
VCE = 2 V
Figure 5. “On” Voltage
IC, COLLECTOR CURRENT (mA)
1
0.5
0.1
0.05
0.01
10
50
100
500
1000
VBE at VCE = 2 V
VBE(sat) at IC/IB = 10
TJ = 25°C
VCE(sat) at IC/IB = 10
Note 1:
There are two limitations on the power handling ability of a
transistor; average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com