Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5103 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5103
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5103 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5103 Datasheet HTML 1Page - Texas Instruments TPS5103 Datasheet HTML 2Page - Texas Instruments TPS5103 Datasheet HTML 3Page - Texas Instruments TPS5103 Datasheet HTML 4Page - Texas Instruments TPS5103 Datasheet HTML 5Page - Texas Instruments TPS5103 Datasheet HTML 6Page - Texas Instruments TPS5103 Datasheet HTML 7Page - Texas Instruments TPS5103 Datasheet HTML 8Page - Texas Instruments TPS5103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SOFTSTART
INV
FB
CT
RT
GND
REF
COMP
PWMSKIP
STBY
LH
OUT_u
LL
OUT_d
OUTGND
TRIP
VCC_SENSE
VCC
VREF5
VREG5V_IN
DB PACKAGE
(TOP VIEW)
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240 – SEPTEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Step-Down DC-DC Converter
D Three Operation-Mode
– Heavy Load:
– Fixed Frequency PWM
– Hysteretic (User Selctable)
– Light Load:
– Skip Mode
D 4.5 V to 25 V Input Voltage Range
D Adjustable Output Voltage Down to 1.2 V
D 95% Efficiency
D Stand-By Control
D Over Current Protection
D UVLO for Internal 5 V Regulation
D Low Standby Current . . . 0.5 mA Typical
D TA = –40°C to 85°C
description
The TPS5103 is a synchronous buck dc/dc controller, designed for notebook PC system power. The controller
has three user-selectable operation modes available; hysteretic mode, fixed frequency PWM control, or SKIP
control.
In high current applications, where fast transient response is advantageous for reducing bulk capacitance, the
hysteretic mode is selected by connecting the Rt pin to Vref5. Selecting the PWM/SKIP modes for less
demanding transient applications is ideal for conserving notebook battery life under light load conditions. The
device includes high-side and low-side MOSFET drivers capable of driving low Rds (on) N–channel MOSFETs.
The user-selectable overcurrent protection (OCP) threshold is set by an external TRIP pin resister in order to
protect the system. The TPS5103 is configured so that a current sense resistor is not required, improving the
operating efficiency.
R1
R2
1
SOFTSTART
2
INV
3
FB
4
CT
5
RT
6
GND
7
REF
8
COMP
9
PWM/SKIP
10
STBY
19
OUTU
17
OUTD
16
OUTGND
15
TRIP
14
VCCSENSE
12
VREF5
11
VREG5V_IN
13
VCC
20
LH
18
LL
TPS5103
U1
C2
C1
R3
R4
D1
C3
L1
OUTPUT
+
5 V
C4
C5
Q2
Q1
Figure 1. Typical Design
Copyright
© 1999, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPS5103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103 TI1-TPS5103 Datasheet
1Mb / 40P
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDB TI1-TPS5103IDB Datasheet
1Mb / 40P
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDBG4 TI1-TPS5103IDBG4 Datasheet
1Mb / 40P
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDBR TI1-TPS5103IDBR Datasheet
1Mb / 40P
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDBRG4 TI1-TPS5103IDBRG4 Datasheet
1Mb / 40P
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
More results

Similar Description - TPS5103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
Synchronous Flyback DC/DC Controller
logo
Texas Instruments
TPS5103 TI1-TPS5103_08 Datasheet
1Mb / 40P
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com