Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5103 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5103
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5103 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS5103 Datasheet HTML 17Page - Texas Instruments TPS5103 Datasheet HTML 18Page - Texas Instruments TPS5103 Datasheet HTML 19Page - Texas Instruments TPS5103 Datasheet HTML 20Page - Texas Instruments TPS5103 Datasheet HTML 21Page - Texas Instruments TPS5103 Datasheet HTML 22Page - Texas Instruments TPS5103 Datasheet HTML 23Page - Texas Instruments TPS5103 Datasheet HTML 24Page - Texas Instruments TPS5103 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Rz2
+
(Vz–Vr)
Vr–Vo
Rtop )
Vr
Rbtm
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240 – SEPTEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output voltage setpoint calculation
The output voltage is set by the reference voltage and the voltage divider. In TPS5102, the reference voltage
is 1.185 V, and the divider is composed of two resistors in the EVM design that are R4 and R5, or R14 and R15.
The equation for the setpoint is:
R2
+ R1
Vr
Vo
* Vr
Where R1 is the top resistor (k
Ω) like R4 or R15; R2 is the bottom resistor (kΩ) such as R5 or R14; Vo is the
required output voltage (V); Vr is the reference voltage (1.185 V in TPS5103).
Example: R1 = 1 k
Ω; Vr = 1.185 V; Vo = 1.8 V, then R2 = 1.9 kΩ.
For your convenience, some of the most popular output voltage setpoints are calculated in the table below:
Vo
1.3 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
R1 (top) (k
Ω)
1
1
1
1
1
1
R2 (bottom) (k
Ω)
10
3.7
1.9
0.9
0.56
0.31
If higher precision resistor is used, the output voltage setpoint can be more accurate.
In some applications, the output voltage is required to be lower than the reference voltage. With few extra
components, the lower voltage can be easily achieved. The drawing below shows the method.
TPS5103
VCC
VO
R(top)
R(bottom)
Rz1
Zener
INV
Rz2
In the schematic, the Rz1, Rz1, and the zener are the extra components. Rz1 is used to give zener enough
current to build up the zener voltage. The zener voltage is added to INV through Rz2. Therefore, the voltage
on INV is still equal to the IC internal voltage (1.185 V) even if the output voltage is regulated at lower setpoint.
The equation for setting up the output voltage is shown below:
Where Rz2 is the adjusting resistor for low output voltage; Vz is the zener voltage; Vr is the internal reference
voltage; Rtop is the top resistor of voltage sensing network; Rbtm is the bottom resistor of the sensing network;
Vo is the required output voltage setpoint.
Example: Assuming the required output voltage setpoint is Vo = 0.8 V, Vz = 5 V; Rtop = 1 k
Ω; Rbottom = 1 kΩ,
then the Rz2 = 2.43 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com