Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5510 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS5510
Description  3-CHANNEL POWER SUPPLY SUPERVISOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5510 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5510 Datasheet HTML 1Page - Texas Instruments TPS5510 Datasheet HTML 2Page - Texas Instruments TPS5510 Datasheet HTML 3Page - Texas Instruments TPS5510 Datasheet HTML 4Page - Texas Instruments TPS5510 Datasheet HTML 5Page - Texas Instruments TPS5510 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPS5510
3-CHANNEL POWER SUPPLY SUPERVISOR
SLVS168 – JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Over Voltage Protection and Lock Out for
5 V, 3.3 V, and 12 V
D Under Voltage Protection and Lock Out for
5 V and 3.3 V
D Fault Protection Output with Open Drain
Output Stage
D Open Drain Power Good Output Signal for
Power Good Input, 5 V and 3.3 V
D 300 ms Power Good Delay
D 75 ms Delay for 5-V and 3.3-V Short-Circuit
Turn On Protection
D 38 ms PSON Control Debounce
D 73 µs Width Noise Deglitches
D Wide Power Supply Voltage Range
from 4 V to 15 V
description
The TPS5510 is designed to minimize external components of personal computer switching power supply
systems. It provides protection circuits, power good indicator, fault protection output (FPO), and a PSON control.
OVP (Over Voltage Protection) monitors 5 V, 3.3 V, and 12 V (12 V OV detects via VCC terminal). UVP (Under
Voltage Protection) monitors 5 V and 3.3 V. When an OV or UV condition is detected, the PGO (power good
output) is asserted low and FPO is latched high. PSON from low to high resets the protection latch. UVP function
will be enabled 75 ms after PSON is set low and debounced.
Power good feature monitors PGI, 5 V and 3.3 V and issues a power good signal when they are ready.
The TPS5510 is characterised for operation from TJ = –40°C to 125°C junction temperature.
PGI
GND
PSON
FPO
PGO
VCC
VS5
VS33
0.5 V
Drop
PGI
PGO
12 V
VSB
5 V
3.3 V
PSON
5 VSB
8
7
5
6
1
2
3
4
TPS5510
Figure 1. TPS5510 Typical Application
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
PGI
GND
FPO
PSON
PGO
VCC
VS5
VS33
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TPS5510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5510 TI1-TPS5510 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510D TI1-TPS5510D Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510DR TI1-TPS5510DR Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510P TI1-TPS5510P Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
More results

Similar Description - TPS5510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Advanced Analog Technol...
AAT1015 AAT-AAT1015 Datasheet
130Kb / 11P
3-CHANNEL PC POWER SUPPLY SUPERVISOR
V 1.0
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
3-Channel Power Supply Supervisor
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Advanced Analog Technol...
AAT1014 AAT-AAT1014 Datasheet
136Kb / 11P
3-CHANNEL PC POWER SUPPLY SUPERVISOR
V 1.0
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Grenergy Opto, lnc.
GR8313 GRENERGY-GR8313 Datasheet
729Kb / 10P
3-Channel Supervisor IC for Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com