Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5618 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5618
Description  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5618 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5618 Datasheet HTML 1Page - Texas Instruments TPS5618 Datasheet HTML 2Page - Texas Instruments TPS5618 Datasheet HTML 3Page - Texas Instruments TPS5618 Datasheet HTML 4Page - Texas Instruments TPS5618 Datasheet HTML 5Page - Texas Instruments TPS5618 Datasheet HTML 6Page - Texas Instruments TPS5618 Datasheet HTML 7Page - Texas Instruments TPS5618 Datasheet HTML 8Page - Texas Instruments TPS5618 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ±1% Reference Over Full Operating
Temperature Range
D Synchronous Rectifier Driver for >90%
Efficiency
D Fixed Output Voltage Options of 1.5 V,
1.8 V, 2.5 V, and 3.3 V
D User-Selectable Hysteretic-Type Control
D Low Supply Current...3 mA Typ
D 11.4-V to 13-V Input Voltage Range, VCC
D Power Good Output
D Programmable Soft-Start
D Overvoltage/Overcurrent Protection
D Active Deadtime Control
description
The TPS5615 family of synchronous-buck regulator controllers provides an accurate supply voltage to DSPs.
The output voltage is internally set by a resistive divider with an accuracy of 1% over the full operating
temperature range. A hysteretic controller with user-selectable hysteresis is used to dramatically reduce
overshoot and undershoot caused by load transients. Propagation delay from the comparator inputs to the
output drivers is less than 250 ns. Overcurrent shutdown and crossover protection for the output drivers
combine to eliminate destructive faults in the output FETs. PWRGD monitors the output voltage and pulls the
open-collector output low when the output drops below 93% of the nominal output voltage. An overvoltage circuit
disables the output drivers if the output voltage rises 15% above the nominal value. The inhibit pin can be used
to control power sequencing. Inhibit and undervoltage lockout assures that the 12-V supply voltage and system
supply voltage (5 V or 3.3 V) are within proper operating limits before the controller starts. The output driver
circuits include 2-A drivers with internal 8-V gate-voltage regulators that can easily provide sufficient power for
today’s high-powered DSPs. The high-side driver can be configured either as a ground-referenced driver or as
a floating bootstrap driver. The TPS5615 family is available in a 28-pin TSSOP PowerPad
™ package. It operates
over a junction temperature range of 0
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TJ
OUTPUT VOLTAGE
TSSOP†
(PWP)
1.5 V
TPS5615PWP
0
°Cto125°C
1.8 V
TPS5618PWP
0
°C to 125°C
2.5 V
TPS5625PWP
3.3 V
TPS5633PWP
† The PWP package is availble taped and reeled. Add R suffix to
device type (e.g., TPS5615PWPR).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
IOUT
AGND2
OCP
VHYST
VREFB
VSENSE
ANAGND
SLOWST
BIAS
LODRV
LOHIB
DRVGND
LOWDR
DRV
PWRGD
NC
NC
NC
NC
NC
INHIBIT
IOUTLO
LOSENSE
HISENSE
BOOTLO
HIGHDR
BOOT
VCC
PWP PACKAGE
(TOP VIEW)
NC – No internal connection
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPS5618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5618 TI-TPS5618 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618 TI2-TPS5618 Datasheet
1Mb / 30P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
REVISED JULY 2000
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618PWP TI-TPS5618PWP Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618PWP TI2-TPS5618PWP Datasheet
1Mb / 30P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
REVISED JULY 2000
More results

Similar Description - TPS5618

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
Hysteretic PFET Buck Controller
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com