Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5618 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5618
Description  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5618 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS5618 Datasheet HTML 17Page - Texas Instruments TPS5618 Datasheet HTML 18Page - Texas Instruments TPS5618 Datasheet HTML 19Page - Texas Instruments TPS5618 Datasheet HTML 20Page - Texas Instruments TPS5618 Datasheet HTML 21Page - Texas Instruments TPS5618 Datasheet HTML 22Page - Texas Instruments TPS5618 Datasheet HTML 23Page - Texas Instruments TPS5618 Datasheet HTML 24Page - Texas Instruments TPS5618 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
01
2
3
48
Output Current – A
85
95
100
80
90
56
7
EFFICIENCY
vs
OUTPUT CURRENT
Figure 25
Top: Vo 10 mV/div
Bottom: VDS Q2 5 V/div
2
µs/div
Figure 26. Output Voltage Ripple at 8 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com