Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDCS03019 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PDCS03019
Description  3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS03019 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PDCS03019 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCS03019 Datasheet HTML 2Page - Premier Magnetics, Inc. PDCS03019 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PDCx0300x
12/00
3.0 WATT 2:1WIDE INPUT RANGE
DC/DC POWER MODULES
(Rectangle Package)
FEATURES
Ê
3.0 Watt Isolated Output
Ë
2:1 Wide Input Range
Ì
High Conversion Efficiency
Í
Continuous Short Circuit Protection
º
Regulate Output
GENERAL SPECIFICATIONS
l
Efficiency......................................PerTable
l
Switching Frequency ............... 100KHz Min.
l
Isolation Voltage: ..................... 500 Vdc Min.
l
Operating Temperature ........ -25 to +71OC
Derate Linearly to no load @ 100OC max.
l
Case Material:
500Vdc.......Non-Conductive Black Plastic
1.5kVdc & 3kVdc.....Black coated copper
with non-conductive base
INPUT SPECIFICATIONS
l
Voltage................................. 5,12,24,48Vdc
l
Voltage Range ...4.5-6,9-18,18-36,36-72Vdc
l
InputFilter...........................................PiType
OUTPUT SPECIFICATIONS
l
Voltage ...........................................PerTable
l
Initial Voltage Accuracy ................ ±2% Max
l
Voltage Stability ......................... ±0.05% max
l
Ripple & Noise .................... 100/150mV p-p
l
Load Regulation (10 to 100% Load)
Single Output Units:
±0.5%
Dual Output Units:
±1.0%
l
Line Regulation ........................... ±0.5% typ.
l
Temp Coefficient ...................... ±0.05% / OC
l
Short Circuit Protection ........... Continuous
PACKAGE
PIN ASSIGNMENTS
PHYSICAL DIMENSIONS
DIMENSIONS IN inches (mm)
PIN
#
SINGLE
OUTPUT
1
+ INPUT
+INPUT
1
NP
NP
2
NC
- OUTPUT
2
- INPUT
- INPUT
3
NC
COMMON 3
- INPUT
- INPUT
9
NP
NP
9
NC
COMMON
10
- OUTPUT COMMON 10
NC
NC
11
+ OUTPUT + OUTPUT
11
NC
- OUTPUT
12
- INPUT
- INPUT
12
NP
NP
13
- INPUT
- INPUT
13
NP
NP
14
+ OUTPUT + OUTPUT
14
+ OUTPUT + OUTPUT
15
- OUTPUT COMON
15
NC
NC
16
NP
NP
16
- OUTPUT COMMON
22
NC
COMMON 22
+ INPUT
+ INPUT
23
NC
- OUTPUT
23
+ INPUT
+ INPUT
24
+ INPUT
+ INPUT
24
NP
NP
DUAL
OUTPUTS
PIN
#
SINGLE
OUTPUT
DUAL
OUTPUTS
500VDC
1500VDC & 3000VDC
.60
(15.24)
1.25
(31.8)
.80
(20.3)
.08
(2.0)
.20
(5.1)
.10
(2.5)
.40
(10.2)
.15
(3.8)
1 2 3
9 10 11 12
24 23 22
16 15 14 13
P
M
PDCx03xxxx
YYWW
NP* - NO PIN
NC* - NO CONNECTION WITH PIN


Similar Part No. - PDCS03019

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS03021 PMI-PDCS03021 Datasheet
32Kb / 2P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDCS03022 PMI-PDCS03022 Datasheet
32Kb / 2P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDCS03023 PMI-PDCS03023 Datasheet
32Kb / 2P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDCS03024 PMI-PDCS03024 Datasheet
32Kb / 2P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDCS03025 PMI-PDCS03025 Datasheet
32Kb / 2P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
More results

Similar Description - PDCS03019

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Premier Magnetics, Inc.
PDCS03021 PMI-PDCS03021 Datasheet
32Kb / 2P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDCS03041 PMI-PDCS03041 Datasheet
30Kb / 2P
3.0 WATT 4:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS03051 PMI-PDCS03051 Datasheet
33Kb / 1P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES Extended Temperature (Rectangle Package)
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com