Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFC02R Datasheet (PDF) - C&D Technologies

WFC02R Datasheet PDF - C&D Technologies
Part # WFC02R
Download  WFC02R Download
File Size   177.38 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER

WFC02R Datasheet (PDF)

Go To PDF Page Download Datasheet
WFC02R Datasheet PDF - C&D Technologies

Part # WFC02R
Download  WFC02R Click to download

File Size   177.38 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER

WFC02R Datasheet (HTML) - C&D Technologies


WFC02R Product details

DESCRIPTION
The WFC02R is a family of high performance DC/DC converters that offers regulated outputs over input voltage ranges of 9-36V and 18-72V while offering a wide operating temperature range of -40°C to +85°C without derating.
Each WFC02R contains input filtering to minimize conducted noise. The design utilizes surface mounted components, including magnetics, to provide enhanced reliability.
The converter is designed to meet the requirements of EN60950 with the “L” pinout having 1,500 VDC isolation. All WFC02R converters are designed to withstand input voltage transients to 200% of nominal input voltage. An additional feature is the ability of the WFC02R to drive high capacitive loads.

FEATURES
 • Low Cost, High Performance
 • Small DIP Package
 • Full Power to +85°C
 • Extended Temperature Range: -40°C to +85°C
 • Industry Standard Pinouts
 • Full Short Circuit Protection
 • High Capacitive Loading Capability
 • Protected Against High Input Voltage

APPLICATIONS
 • Telecommunications
 • Battery Powered Systems
 • Portable Instruments
 • Process Control Equipment
 • Transportation Equipment
 • Distributed Power Systems




Similar Part No. - WFC02R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WFC02R24D05LC MURATA-PS-WFC02R24D05LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24D12LC MURATA-PS-WFC02R24D12LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24D15LC MURATA-PS-WFC02R24D15LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24S05LC MURATA-PS-WFC02R24S05LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24S12LC MURATA-PS-WFC02R24S12LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Similar Description - WFC02R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
2 WATT REGULATED DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Wall Industries,Inc.
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com