Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFC02R Datasheet(PDF) 3 Page - C&D Technologies

Part # WFC02R
Description  2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WFC02R Datasheet(HTML) 3 Page - C&D Technologies

  WFC02R Datasheet HTML 1Page - C&D Technologies WFC02R Datasheet HTML 2Page - C&D Technologies WFC02R Datasheet HTML 3Page - C&D Technologies WFC02R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WFC02R 11/98 REV B
Page 3
COMMON SPECIFICATIONS
Specifications typical at T
A=25°C, nominal input voltage, rated output current unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Input
Voltage Range
9
24
36
Vdc
18
48
72
Vdc
Reflected Ripple Current
50
mA p-p
Isolation
Safety Standards
Designed to meet requirements of
EN60950, EN41003 & UL1950
Rated Voltage
"L" Pinout
1500
Vdc
"E" Pinout
1000
Vdc
Test Voltage—60 Hz, 10 secs
"L" Pinout
1500
Vpk
"E" Pinout
1000
Vpk
Resistance
10
G
Ω
Capacitance
220
pF
Leakage Current
Viso=240Vac, 60 Hz
30
µArms
Output
Rated Power
2
W
Voltage Setpoint Accuracy
+3.0
%
Temperature Coefficient
+0.02
%/°C
Line Regulation-singles
Low line to high line
+1.5%
%
Line Regulation-duals
Low line to high line
+1.5%
%
Load Regulation-singles
Min load to rated load
+2%
%
Load Regulation-duals
Min load to rated load
+2%
%
Ripple & Noise
BW=5 Hz to 20 MHz
50
100
mV p-p
General
MTTF per MIL-HDBK-217, Rev F
TA=25°
1,000,000
Hours
Temperature
Operation
-40
+85
°C
Storage
-55
+125
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com