Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFC02R Datasheet(PDF) 2 Page - C&D Technologies

Part # WFC02R
Description  2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WFC02R Datasheet(HTML) 2 Page - C&D Technologies

  WFC02R Datasheet HTML 1Page - C&D Technologies WFC02R Datasheet HTML 2Page - C&D Technologies WFC02R Datasheet HTML 3Page - C&D Technologies WFC02R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WFC02R 11/98 REV B
Page 2
WFC02R xxyzz
E
Device Family
Indicates wide input power 2W regulated DC/DC
Model Number
Selected from Table of Electrical Characteristics
xx=input voltage
y=number of outputs: S=single, D=dual
zz=output voltage
Pinout option E or L
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Output Short Circuit Protection ------------ Continuous
Internal Power Dissipation --------------------------- 1.5W
Lead Temp (soldering, 10s Max) ---------------- +300°C
Max Case Temperature --------------------------- +100°C
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A=25°C, nominal input voltage, rated output current unless otherwise stated.
Nominal
Rated
Max Input
Max
Input
Output
Output Current (mA)
Current
Capacitive
Efficiency
Voltage
Voltage
(mA)
Load (
µµµµµF)
%
Model
(Volts)
(Volts)
Min Load Rated Load
Rated Load
WFC02R24S05
24
5.0
40
400
300
400
77
WFC02R24S12
24
12.0
16
167
306
167
76
WFC02R24S15
24
15.0
12
125
306
125
77
WFC02R24D05
24
+5.0
+20
+200
315
+200
75
WFC02R24D12
24
+12.0
+8
+80
315
+80
76
WFC02R24D15
24
+15.0
+7
+67
315
+67
76
WFC02R48S05
48
5.0
40
400
152
400
74
WFC02R48S12
48
12.0
16
167
152
167
74
WFC02R48S15
48
15.0
12
125
152
125
76
WFC02R48D05
48
+5.0
+20
+200
156
+200
74
WFC02R48D12
48
+12.0
+8
+80
156
+80
76
WFC02R48D15
48
+15.0
+7
+67
155
+67
77



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com