Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS6755 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6755
Description  ADJUSTABLE INVERTING DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6755 Datasheet(HTML) 1 Page - Texas Instruments

  TPS6755 Datasheet HTML 1Page - Texas Instruments TPS6755 Datasheet HTML 2Page - Texas Instruments TPS6755 Datasheet HTML 3Page - Texas Instruments TPS6755 Datasheet HTML 4Page - Texas Instruments TPS6755 Datasheet HTML 5Page - Texas Instruments TPS6755 Datasheet HTML 6Page - Texas Instruments TPS6755 Datasheet HTML 7Page - Texas Instruments TPS6755 Datasheet HTML 8Page - Texas Instruments TPS6755 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS6755
ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A – NOVEMBER 1996 REVISED DECEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1-W Output (VCC ≥ 4.5 V)
D 2.7-V to 9-V Input Operating Range
D 78% Typical Efficiency
D 160-kHz Fixed-Frequency Current-Mode
PWM Controller
D EN Input Inhibits Operation and Reduces
Supply Current to 1
µA
D Output Voltage Limited to  VO ≤ 12 V– VCC
D Soft Start
D 8-Pin SOIC and DIP Packages
D –40°C to 85°C Free-Air Temperature Range
D Pin-for-Pin Compatible with MAX755
description
The TPS6755 is an adjustable inverting dc/dc converter capable of operating from inputs as low as 2.7 V. The
only external components required are an inductor, an output filter capacitor, an input filter capacitor, a reference
filter capacitor, two resistors, and a Schottky rectifier. An enable input is provided to shut down the inverter when
an output voltage is not needed. The typical supply current is 1.9 mA at no-load and is further reduced to 1-
µA
when the enable input is low.
The device features a 160-kHz current-mode pulse-width-modulation (PWM) controller with a p-channel
MOSFET power switch. The gate drive uses the converter output to reduce the die area needed to realize the
0.4-
Ω MOSFET. Soft start is accomplished with the addition of one small capacitor at SS. A 1.22-V reference
is available for external loads up to 125
µA.
The TPS6755 is attractive for board-level dc/dc conversion in computer peripherals and in battery-powered
equipment requiring high efficiency and low supply current.
Available in an 8-pin DIP or an 8-pin SOIC package, the TPS6755 operates over a free-air temperature range
of – 40
°C to 85°C.
EN
REF
SS
COMP
VCC
OUT
GND
FB
TPS6755
1
2
3
4
8
7
6
5
1
µF
+
47
µF
+
82 pF†
10
µF
10
µH
1N5817
100
µF
+
– 5 V
VI
2.7 V to 9 V
ENABLE
† Not required for loads of 100 mA or less
10.2 k
Ω
42.2 k
Ω
Figure 1. Typical Circuit
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
EN
REF
SS
COMP
VCC
OUT
GND
FB
D OR P PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated


Similar Part No. - TPS6755

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
430Kb / 23P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS6755 TI2-TPS6755 Datasheet
371Kb / 21P
ADJUSTABLE INVERTING DC/DC CONVERTER
REVISED DECEMBER 1996
TPS6755ID TI1-TPS6755ID Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
TPS6755ID TI2-TPS6755ID Datasheet
371Kb / 21P
ADJUSTABLE INVERTING DC/DC CONVERTER
REVISED DECEMBER 1996
TPS6755ID.A TI2-TPS6755ID.A Datasheet
371Kb / 21P
ADJUSTABLE INVERTING DC/DC CONVERTER
REVISED DECEMBER 1996
More results

Similar Description - TPS6755

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
Inverting Micropower DC/DC Converter with Schottky
logo
Texas Instruments
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com