Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2CSM2 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CX2CSM2
Description  760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX2CSM2 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CX2CSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX2CSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10135 - Rev B
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
760 kHz - 1.35 MHz
Functional Mode
Extensional
Calibration Tolerance*
500 ppm (0.05%)
1000 ppm (0.1%)
10000 ppm (1.0%)
Load Capacitance
7 pF
Motional Resistance (R1)
5 k
Ω MAX
Motional Capacitance (C1) 1.2fF
Quality Factor (Q)
150 k
Shunt Capacitance (C0)
1.0 pF
Drive Level
3
µW MAX
Turning Point (T0)**
35
OC
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm MAX
Shock, survival
1000 g peak, 0.3 ms,1/2 sine
Vibration, survival
10 g RMS, 20-1,000 Hz random
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
Note: Frequency f at temperature T is related to frequency f0
at turning point temperature T0 by:
* Tighter frequency calibration available.
** Other turning points available.
+
_
+
_
+
_
f-f0
=
k(T-T0)
2
f0
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
PACKAGING OPTIONS
CX2SM
- Tray Pack
-16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
HOW TO ORDER CX2SM CRYSTALS
CX2
S
C
SM1
1.0M,
500
/
M
TYPICAL APPLICATION
FOR A PIERCE OSCILLATOR
The low profile CX miniature surface mount crystal is ideal
for small, high density, battery operated portable products.
The CX crystal designed in a Pierce oscillator (single
inverter) circuit provides very low current consumption and
high stability. A conventional CMOS Pierce oscillator
circuit is shown below. The crystal is effectively inductive
and in a PI-network circuit with CD and CG provides the
additional phase shift necessary to sustain oscillation. The
oscillation frequency (f0) is 15 to 150 ppm above the
crystal’s series resonant frequency (fS).
Drive Level
RA is used to limit the crystal’s drive level by forming a
voltage divider between RA and CD. RA also stabilizes the
oscillator against changes in the amplifiers output
resistance (R0). RA should be increased for higher
voltage operation.
Load Capacitance
The CX crystal calibration tolerance is influenced by the
effective circuit capacitances, specified as the load
capacitance (CL). CL is approximately equal to:
NOTE: CD and CG include stray layout to ground and CS
is the stray shunt capacitance between the crystal
terminal. In practice, the effective value of CL will be less
than that calculated from CD, CG and CS values because
of the effect of the amplifier output resistance. CS should
be minimized.
The oscillation frequency (f0) is approximately equal to:
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX2
OSC
Freq (f )
O
R
f
f0 = fS
[1+
C
1
]
2(C0 + CL)
(2)
Where f
S
= Series resonant frequency of the crystal
C1 = Motional Capacitance
C0 = Shunt Capacitance
CL =
CD x CG
+
CS
CD + CG
(1)
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com