Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2CSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX2CSM2
Description  760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX2CSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX2CSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX2CSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10135 - Rev B
DESCRIPTION
The CX2SM quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates. They are hermetically sealed in a rugged,
miniature ceramic package. They are manufactured using
the STATEK-developed photolithographic process, and
were designed utilizing the experience acquired by
producing millions of crystals for industrial, commercial,
military and medical applications. Maximum process
temperature should not exceed 260
OC.
FEATURES
Extensional mode
Ideal for use with microprocessors
Designed for low power applications
Compatible with hybrid or PC board
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX2SM CRYSTAL
760 kHz to 1.35 MHz
Low Profile Miniature
Surface Mount Quartz Crystal
™
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.260
6.60
0.275
6.99
B
0.094
2.39
0.108
2.74
C
-
-
see below
D
0.035
0.89
0.045
1.14
E
0.059
1.50
0.069
1.75
F
0.050
1.27
0.060
1.52
G
0.105
2.67
0.115
2.92
H
0.155
3.94
0.165
4.19
I
0.210
5.33
0.220
5.59
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.075
1.91
SM2
0.067
1.70
0.077
1.96
SM3
0.070
1.78
0.080
2.03
C
B
1
2
3
D
F
G
E
H
I
A
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
GRID
COURTYARD
0.113
(2.87)
0.060
inches (mm)
(1.52)
0.105 (2.67)
0.060 (1.52)
1
2
Note: Terminal 1 is electrically connected internally to terminal 3
actual size
side view
Glass Lid Shown


Similar Part No. - CX2CSM2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX2CSM2 RSG-CX2CSM2 Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
More results

Similar Description - CX2CSM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX2SM STATEK-CX2SM Datasheet
452Kb / 2P
Low Profile Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM_08 Datasheet
121Kb / 2P
Low Profile Miniature Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com