Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX4CSM2 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CX4CSM2
Description  14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX4CSM2 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CX4CSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX4CSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX4SM AT CRYSTALS
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10150 - Rev. D
CX4
S
C
SM1
–
32.0M
,
100
/
100
/
—
/
I
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Max Process Temperature
260
OC for 20 sec.
“S” if special or
custom design.
Blank if standard
C = Ceramic Lid
Blank = Glass Lid
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
M = MHz
Calibration
Tolerance
@25
OC
(in ppm)
Frequency
Stability over
Temp. Range
Operating Temp. Range:
C = -10
OC to +70OC
I = -40OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I = -40OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
OR
—
/
—
/
200
/
I
PACKAGING OPTIONS
• Tray Pack
• Tape and Reel
Per EIA 481 (see Tape and Reel data sheet 10109)
Pb
0.092 (2.3)
inches (mm)
0.059 (1.5)
0.160 (4.0)
SUGGESTED LAND PATTERN
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted. Specifications are subject to change without notice.
Fundamental Frequency
14.7456 MHz 16MHz
20 MHz 32 MHz 40 MHz 80 MHz 160 MHz
200 MHz
Motional Resistance R1 (Ω)
60
75
50
30
30
30
30
40
Motional Capacitance C1 (fF)
1.4
1.5
1.4
2.5
1.5
1.8
2.5
2.0
Quality Factor Q (k)
120
90
110
70
90
40
20
15
Shunt Capacitance C0 (pF)
0.8
0.9
0.9
1.1
1.0
1.0
1.5
1.5
Calibration Tolerances
1
100 ppm, or tighter as required
Load Capacitance
10 pF (unless specified otherwise)
Drive Level
200
µW MAX for f ≤ 50 MHz
100
µW MAX for f > 50 MHz
Frequency-Temperature
50 ppm to
10 ppm (Commercial)
Stability
1,3
100 ppm to
20 ppm (Industrial)
100 ppm to
30 ppm (Military)
Aging, first year
3
5 ppm MAX (better than 1 ppm available)
Shock, survival
4
5,000 g, 0.3 ms, 1/2 sine
Vibration, survival
5
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
1) Other tolerances available. Contact factory.
2) Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
3) 5 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies
contact factory.
4) Higher shock version available.
5) Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
+
_
+
_
+
_
+
_
+
_
+
_
+
_



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com