Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX4CSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX4CSM2
Description  14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX4CSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX4CSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX4CSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
STATEK’s ultra-miniature CX4SM AT crystals in leadless
ceramic packages are designed for surface mounting on
printed circuit boards or hybrid substrates. These crystals
are low profile and have a very small land pattern.
FEATURES
Designed for surface mount applications using
infrared, vapor phase, wave solder or epoxy mount
techniques.
Low profile (less than 1.2 mm) hermetically sealed
ceramic package
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Neurostimulators
Cochlear Implants
Implantable CRM
Infusion Pumps
Glucose Monitors
Industrial, Computer & Communications
Instrumentation
Process Control
Environmental Control
Engine Control
Handheld Inventory Control
Down-hole Data Recorder
Telemetry
Military & Aerospace
Communications Radio
Smart Munitions
Timing Devices (Fuzes)
Surveillance Devices
CX4SM AT CRYSTAL
14 MHz to 250 MHz
Ultra-Miniature, Low Profile
Surface Mount AT Quartz Crystal
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.197
5.00
0.210
5.33
B
0.072
1.83
0.085
2.16
C
-
-
see below
D
0.036
0.91
0.046
1.16
E
0.020
0.51
-
-
F
0.025
0.64
-
-
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
inches
mm
inches
mm
SM1
0.045
1.14
0.050
1.27
SM2/SM4
0.046
1.17
0.051
1.30
SM3/SM5
0.048
1.22
0.053
1.35
10150 - Rev. D
A
B
F
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
SXX
XX
actual size
side view
™
Pb
glass lid
ceramic lid


Similar Part No. - CX4CSM2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX4CSM2 RSG-CX4CSM2 Datasheet
470Kb / 2P
Fundamental Mode: 600 kHz to 1.4 MHz Overtone: 1.8432 MHz - 2.5 MHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
More results

Similar Description - CX4CSM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX6SMAT STATEK-CX6SMAT Datasheet
64Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
RSG Electronic Componen...
CX1HGSM RSG-CX1HGSM Datasheet
89Kb / 2P
8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM_08 Datasheet
160Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9 STATEK-CX9 Datasheet
182Kb / 2P
Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com