Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS9103 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS9103
Description  POWER SUPPLY FOR GaAs POWER AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9103 Datasheet(HTML) 1 Page - Texas Instruments

  TPS9103 Datasheet HTML 1Page - Texas Instruments TPS9103 Datasheet HTML 2Page - Texas Instruments TPS9103 Datasheet HTML 3Page - Texas Instruments TPS9103 Datasheet HTML 4Page - Texas Instruments TPS9103 Datasheet HTML 5Page - Texas Instruments TPS9103 Datasheet HTML 6Page - Texas Instruments TPS9103 Datasheet HTML 7Page - Texas Instruments TPS9103 Datasheet HTML 8Page - Texas Instruments TPS9103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS9103
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
SLVS131A – OCTOBER 1995 – REVISED JULY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Charge Pump Provides Negative Gate Bias
for Depletion-Mode GaAs Power Amplifiers
D Buffered Clock Output to Drive Additional
External Charge Pump
D 135-mΩ High-Side Switch Controls Supply
Voltage to the GaAs Power Amplifier
D Power-Good Circuitry Prevents High-Side
Switch Turn-on Until Negative Gate Bias is
Present
D Charge Pump Can Be Driven From the
Internal Oscillator or An External Clock
D 10-µA Maximum Standby Current
D Low-Profile (1.2-mm Max Height), 20-Pin
TSSOP Package
description
The TPS9103 is a highly integrated power supply for depletion-mode GaAs power amplifiers (PA) in cellular
handsets and other wireless communications equipment. Functional integration and low-profile packaging
combine to minimize circuit-board area and component height requirements. The device includes: a p-channel
MOSFET configured as a high-side switch to control the application of power to the PA; a driver for the high-side
switch with a logic-compatible input; a charge pump to provide negative gate-bias voltage; and logic to prevent
turn-on of the high-side switch until gate bias is present. The high-side switch has a typical on-state resistance
of 135 m
Ω.
The TPS9103 is available in a 20-pin thin shrink small-outline package (TSSOP) or in chip form. Contact factory
for die sales. The device operates over a junction temperature range of – 25
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICE
CHIP FORM
TA
TSS0P
(PW)
CHIP FORM
(Y)
–25
°C to 85°C
TPS9103PWLE
TPS9103Y
The PW package is only available left-end taped and reeled
(indicated by the LE suffix on the device type).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GATE_BIAS
VCC
C1–
C1+
BATT_IN
BATT_IN
BATT_IN
PGP
PG
GND
VDD
CLK
BCLK
GND
BATT_OUT
BATT_OUT
BATT_OUT
SW_EN
OSC_EN
EN
PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated


Similar Part No. - TPS9103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9103 TI1-TPS9103 Datasheet
364Kb / 22P
POWER SUPPLY FOR GAAS POWER AMPLIFIERS
TPS9103PWLE TI1-TPS9103PWLE Datasheet
364Kb / 22P
POWER SUPPLY FOR GAAS POWER AMPLIFIERS
TPS9103 TI1-TPS9103_09 Datasheet
364Kb / 22P
POWER SUPPLY FOR GAAS POWER AMPLIFIERS
More results

Similar Description - TPS9103

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
NXP Semiconductors
UBA1710M PHILIPS-UBA1710M Datasheet
65Kb / 12P
Modulator for GaAs power amplifiers
1997 Oct 17
logo
Mitsubishi Electric Sem...
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
ANADIGICS, Inc
AN-0002 ANADIGICS-AN-0002 Datasheet
59Kb / 6P
Biasing Circuits and Considerations for GaAs MESFET Power Amplifiers
05/2003
logo
Renesas Technology Corp
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TPS9103 TI1-TPS9103_09 Datasheet
364Kb / 22P
POWER SUPPLY FOR GAAS POWER AMPLIFIERS
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
Single Power Supply Dual Operational Amplifiers
2019.1.17
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
Single Power Supply Dual Operational Amplifiers
2019.1.17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com