Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS9103 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS9103
Description  POWER SUPPLY FOR GaAs POWER AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9103 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS9103 Datasheet HTML 14Page - Texas Instruments TPS9103 Datasheet HTML 15Page - Texas Instruments TPS9103 Datasheet HTML 16Page - Texas Instruments TPS9103 Datasheet HTML 17Page - Texas Instruments TPS9103 Datasheet HTML 18Page - Texas Instruments TPS9103 Datasheet HTML 19Page - Texas Instruments TPS9103 Datasheet HTML 20Page - Texas Instruments TPS9103 Datasheet HTML 21Page - Texas Instruments TPS9103 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TPS9103
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
SLVS131A – OCTOBER 1995 – REVISED JULY 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040064 / D 10/95
14 PIN SHOWN
Seating Plane
0,10 MIN
1,20 MAX
1
A
7
14
0,19
4,50
4,30
8
6,10
6,70
0,32
0,75
0,50
0,25
Gage Plane
0,15 NOM
0,65
M
0,13
0
°–8°
0,10
PINS **
A MIN
A MAX
DIM
2,90
3,10
8
4,90
5,10
14
6,60
6,40
4,90
5,10
16
7,70
20
7,90
24
9,60
9,80
28
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com